Electronic Components Datasheet Search
  English  ▼

X  

ICS9173B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS9173B
Description  VIDEO GENLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9173B Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS9173B Datasheet HTML 1Page - Renesas Technology Corp ICS9173B Datasheet HTML 2Page - Renesas Technology Corp ICS9173B Datasheet HTML 3Page - Renesas Technology Corp ICS9173B Datasheet HTML 4Page - Renesas Technology Corp ICS9173B Datasheet HTML 5Page - Renesas Technology Corp ICS9173B Datasheet HTML 6Page - Renesas Technology Corp ICS9173B Datasheet HTML 7Page - Renesas Technology Corp ICS9173B Datasheet HTML 8Page - Renesas Technology Corp ICS9173B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICS9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT® VIDEO GENLOCK PLL
5
ICS9173B
REV D 012913
AC Electrical Characteristics
Unless stated otherwise, VDD = 5 V ±5%, Ambient Temperature 0 to +70
 C
Notes:
1. Parameter is guaranteed by design and characterization. Not 100% tested in production.
2. Input Reference Frequency = 25 kHz, Output Frequency = 25 MHz. Jitter measured between adjacent vertical
pixels.
3. CLK1 frequency applies for FS = 0. For FS = 1 condition, divide allowable CLK1 range by the factor of 4.
4. An Application Brief (AB01) documents the operation of the AV9173 for low input frequencies. This provides
guidelines for usable output frequencies and feedback ratios required to use inputs below 25 kHz. By following
these guidelines, the ICS9173B will operate down to 12 kHz inputs across temperature, voltage and lot-to-lot
variation.
5. Jitter values are measured at frequencies > 25 MHz for IDT9173B-01, for ICS9173B-15, jitter is measured at
frequency > 12.5 MHz.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Clock Rise Time 1
ICLKr
10
ns
Output Clock Fall Time 1
ICLKf
10
ns
Output Rise Time 1
tr1
15 pF load, 0.8 to 2.0V
0.6
1.5
ns
Output Rise Time 1
tr2
15 pF load, 20% to 80% VDD
1.3
3.0
ns
Output Fall Time 1
tf1
15 pF load, 0.8 to 2.0V
0.6
1.5
ns
Output Fall Time 1
tf2
15 pF load, 80% to 20% VDD
0.7
2.0
ns
Output Duty Cycle 1
15 pF load
40
47
55
%
One-Sigma Jitter 1, 5
T1S1
CLK1 frequency 3, 25 MHz
120
250
ps
Jitter, Absolute 1, 5
TABS1
CLK1 frequency 3, 25 MHz
-400
±250
400
ps
One-Sigma Jitter 1, 5
T1S2
CLK1 frequency < 25 MHz
1
%
Jitter, Absolute 1, 5
TABS2
CLK1 frequency < 25 MHz
2
%
Line-to-Line Jitter 1, Absolute 2
TLABS
±4
ns
Input Frequency 1, IN or FBIN
fIN
see allowable fi below
12
1000
kHz
CLK1 Frequency, -01 1, 3, 4
fCLK1
12 < fIN < 14 kHz
44
75
MHz
14 < fIN < 17 kHz
30
75
17 < fIN < 30 kHz
25
75
30 < fIN < 35 kHz
15
75
35 < fIN < 1000 kHz
10
75
CLK1 Frequency, -15 1, 3, 4
fCLK1
12 < fIN < 14 kHz
22
37.5
MHz
14 < fIN < 17 kHz
15
37.5
17 < fIN < 30 kHz
12.5
37.5
30 < fIN < 35 kHz
7.5
37.5
35 < fIN < 1000 kHz
5
37.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com