Electronic Components Datasheet Search
  English  ▼

X  

ICS9212-03 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS9212-03
Description  Direct Rambus™ Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9212-03 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS9212-03 Datasheet HTML 1Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 2Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 3Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 4Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 5Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 6Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ICS9212- 03
0270G—05/24/05
Mult0
Mult1
A
B
PLLCLK for REFCLK=50MHz
PLLCLK for REFCLK=66.67MHz
0041
200
266.68
0161
300
400.02
1
0
16
3
266.7
355.57
1181
400
Reserved
PLL Divider Selection and PLL Values (PLLCLK = REFCLK*A/B)
Power Management Modes
State
PwrDnB
StopB
NORMAL
1
1
Clk Off
1
0
Powerdown
0
X
Mode
FS0
FS1
Bypclk (int.)
BusClk
BusClkB
Normal
0
0
Gnd
PAclk
PAclkB
Bypass
1
0
PLLclk
PLLclk
PLLclkB
Test
1
1
Refclk
Refclk
RefclkB
Bypass and Test Mode Selections



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com