Electronic Components Datasheet Search
  English  ▼

X  

ICS9212-03 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS9212-03
Description  Direct Rambus™ Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9212-03 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS9212-03 Datasheet HTML 1Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 2Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 3Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 4Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 5Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 6Page - Renesas Technology Corp ICS9212-03 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9212-03
0270G—05/24/05
Pin Descriptions
Pin #
Name
Type
Description
1
VDDREF
REFV
Reference voltage for refclk, to be connected to CK133
2
REFCLK
IN
Reference clock, to be connected to CK133
3
VDD1
PWR
3.3 V power supply used for PLL
4
GND1
PWR
Ground for PLL
5, 13
GND3
PWR
Ground for control inputs
6,7
PCLK/M, SYNCLK/N
IN
Phase controller input, used to drive a phase aligner
that adjusts the phase of the busclk.
8
GND2
PWR
Ground for phase aligner
9
VDD2
PWR
3.3 V power supply used for phase aligner
10
VDDPD
REFV
Reference voltage for phase detector inputs connected
to the controller
11
BUSCLK_ STOP#
IN
Active low output enable/disable
12
PD#
IN
3.3V CMOS active low power down, the device is
powered down when the "(PD#) =0"
14,15
MULTI (0:1)
IN
3.3V CMOS PLL Multiplier select, logic for selecting
the multiply ratio for the PLL from the input REFCLK
16
VDD_OUT
PWR
3.3V supply for clock out puts
17
GND_OUT
PWR
Ground for clock outputs
18
BUSCLKC
OUT
Out put clock connected to the Rambus channel. This
output is the complement of BUSCLK
19
N/C
N/C
NOT USED
20
BUSCLKT
OUT
Out put clock connected to the Rambus channel. This
output is the true component of BUSCLK
21
GND_OUT
PWR
Ground for clock outputs
22
VDD_OUT
PWR
3.3V supply for clock out puts
24, 23
FS(0:1)
IN
3.3V CMOS Mode control, used in selecting bypass,
test, normal, and output test (OE)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com