Electronic Components Datasheet Search
  English  ▼

X  

ECP200D Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECP200D
Description  2 Watt, High Linearity InGaP HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP200D Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECP200D Datasheet HTML 1Page - WJ Communication. Inc. ECP200D Datasheet HTML 2Page - WJ Communication. Inc. ECP200D Datasheet HTML 3Page - WJ Communication. Inc. ECP200D Datasheet HTML 4Page - WJ Communication. Inc. ECP200D Datasheet HTML 5Page - WJ Communication. Inc. ECP200D Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 6
April 2006
ECP200D
2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
Typical Device Data
S-Parameters (VCC = +5 V, ICC = 800 mA, T = 25 °C, unmatched 50 ohm system)
50
550
1050
1550
2050
2500
Frequency (MHz)
Gain / Maximum Stable Gain
0
5
10
15
20
25
30
35
40
DB(|S(2,1)|)
DB(GMax())
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
4000MHz
Swp Min
50MHz
10 .0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
4000MHz
Swp Min
50MHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The impedance plots are shown from 50 – 3000 MHz, with markers placed at 0.5 – 3.0 GHz in 0.5 GHz increments.
S-Parameters (VCC = +5 V, ICC = 800 mA, T = 25 °C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-0.80
-177.34
27.72
107.79
-45.30
19.06
-0.81
-139.65
100
-0.60
178.13
22.13
96.85
-43.21
11.92
-0.79
-158.43
200
-0.64
174.02
16.20
89.13
-44.86
-4.05
-0.62
-168.80
400
-0.76
166.66
10.54
80.79
-42.84
6.99
-0.35
-177.29
600
-0.89
158.43
7.75
72.52
-44.05
2.89
-0.47
179.92
800
-1.08
150.86
6.09
64.42
-43.61
-7.72
-0.66
179.00
1000
-1.54
141.98
5.29
54.50
-42.64
-4.97
-0.73
177.98
1200
-2.48
131.55
5.24
41.62
-39.25
-33.49
-0.82
176.35
1400
-5.25
115.96
5.83
20.85
-39.43
-52.73
-0.58
175.10
1600
-16.57
118.86
6.03
-9.41
-37.39
-100.38
-0.58
174.84
1800
-7.12
-149.33
3.81
-47.41
-39.26
-126.48
-0.42
170.66
2000
-2.68
-169.62
0.37
-72.56
-40.69
-169.19
-0.52
169.04
2200
-1.34
175.50
-3.32
-89.96
-45.63
-163.76
-0.53
167.35
2400
-0.80
164.47
-6.81
-102.05
-50.41
149.05
-0.61
164.01
2600
-0.49
154.67
-9.46
-112.59
-48.80
157.02
-0.62
162.14
2800
-0.53
146.29
-12.22
-121.23
-50.62
69.74
-0.68
157.85
3000
-0.50
136.44
-14.55
-128.37
-49.46
79.86
-0.77
156.81
Device S-parameters are available for download off of the website at: http://www.wj.com
Application Circuit PC Board Layout
Circuit Board Material: .014” Getek, single layer, 1 oz copper, Microstrip line details: width = .026”, spacing = .026”
The silk screen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’, etc. are used as placemarkers for the input and output tuning
shunt capacitors – C8 and C9. The markers and vias are spaced in .050” increments.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com