Electronic Components Datasheet Search
  English  ▼

X  

ECP200D Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # ECP200D
Description  2 Watt, High Linearity InGaP HBT Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP200D Datasheet(HTML) 4 Page - WJ Communication. Inc.

  ECP200D Datasheet HTML 1Page - WJ Communication. Inc. ECP200D Datasheet HTML 2Page - WJ Communication. Inc. ECP200D Datasheet HTML 3Page - WJ Communication. Inc. ECP200D Datasheet HTML 4Page - WJ Communication. Inc. ECP200D Datasheet HTML 5Page - WJ Communication. Inc. ECP200D Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 6
April 2006
ECP200D
2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
1960 MHz Application Circuit (ECP200D-PCB1960)
Typical RF Performance at 25
°C
Frequency
1960 MHz
S21 – Gain
11 dB
S11 – Input Return Loss
-20 dB
S22 – Output Return Loss
-6.8 dB
Output P1dB
+33.4 dBm
Output IP3
(+17 dBm / tone, 1 MHz spacing)
+51 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+27.5 dBm
Noise Figure
7.3 dB
Device / Supply Voltage
+5 V
Quiescent Current
(1)
800 mA
1. This corresponds to the quiescent current or operating current under
small-signal conditions into pins 10, 11, and 16.
ID=C2
C=56 pF
ID=C4
C=1e7 pF
ID=C5
C=1000 pF
ID=C6
C=10 pF
ID=C7
C=1000 pF
ID=C8
C=2.2 pF
ID=C9
C=3.9 pF
ID=L1
L=18 nH
ID=C11
R=0 Ohm
ID=R2
R=22 Ohm
ID=R3
R=51 Ohm
TLINP
ID=TL1
Z0=50 Ohm
L=300 mil
Eeff=3.16
Loss=0
F0=0 GHz
ID=R1
R=15 Ohm
ID=R4
R=0 Ohm
TLINP
ID=TL2
Z0=50 Ohm
L=100 mil
Eeff=3.16
Loss=0
F0=0 GHz
TLINP
ID=TL3
Z0=50 Ohm
L=125 mil
Eeff=3.16
Loss=0
F0=0 GHz
ID=C10
C=1.5 pF
ID=C1
C=56 pF
ID=C3
C=56 pF
1
2
3
4
5678
9
10
11
12
13
14
15
16
ID=ECP200D
on the WJ evaluation board.
C8 should be placed between silk screen markers "F"
and "G" on the WJ evaluation board.
C9 should be placed between
silkscreen markers "2" and "3"
+5.6V Zener
Vsupply = +5V
size 1008
the WJ evaluation board.
C10 should be placed at
silkscreen marker "5" on
S21 vs. Frequency
8
9
10
11
12
13
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
-40°C
+85°C
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
-40°C
+85°C
S22 vs. Frequency
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
-40°C
+85°C
Noise Figure vs. Frequency
0
2
4
6
8
10
1930
1940
1950
1960
1970
1980
1990
Frequency(MHz)
-40°C
+25°C
+85°C
P1dBvs. Frequency
Circuit boards are optimizedat 1960 MHz
26
28
30
32
34
36
1930
1940
1950
1960
1970
1980
1990
Frequency(MHz)
-40°C
+25°C
+85°C
ACPRvs. Channel Power
IS-95, 9 Ch. Fwd, ±885 kHz offset, 30 kHz Meas BW, 1960 MHz
-75
-65
-55
-45
-35
22
23
24
25
26
27
28
29
Output Channel Power (dBm)
-40 C
+25 C
+85 C
OIP3 vs. Frequency
+25° C, +17 dBm/tone
35
40
45
50
55
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
OIP3 vs. Temperature
freq. = 1960 MHz, 1961 MHz, +17 dBm/tone
35
40
45
50
55
-40
-15
10
35
60
85
Temperature (°C)
OIP3 vs. Output Power
freq. = 1960 MHz, 1961 MHz, +25° C
35
40
45
50
55
12
14
16
18
20
22
Output Power (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com