Electronic Components Datasheet Search
  English  ▼

X  

ECP100 Datasheet(PDF) 6 Page - WJ Communication. Inc.

Part # ECP100
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP100 Datasheet(HTML) 6 Page - WJ Communication. Inc.

  ECP100 Datasheet HTML 1Page - WJ Communication. Inc. ECP100 Datasheet HTML 2Page - WJ Communication. Inc. ECP100 Datasheet HTML 3Page - WJ Communication. Inc. ECP100 Datasheet HTML 4Page - WJ Communication. Inc. ECP100 Datasheet HTML 5Page - WJ Communication. Inc. ECP100 Datasheet HTML 6Page - WJ Communication. Inc. ECP100 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 6 of 7
April 2006
ECP100D
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
Application Note: Reduced Bias Configurations
The ECP100D, like the AH215-S8 can be configured to operate with lower bias current by varying the bias-adjust resistor –
R1. The recommended circuit configurations shown previously in this datasheet have the device operating in Class A
operation. Lowering the current has little effect on the gain, OIP3, and P1dB performance of the device, but will slightly lower
the ACLR/ACPR performance of the device as shown below. An example of the measured data below represents the AH215-
S8 measured and configured for 2.14 GHz applications. It is expected that variation of the bias current for other frequency
applications will produce similar performance results.
AH215S8-PCB2140 Performance Data
R1
(ohms)
Icq
(mA)
Pdiss
(W)
P1dB
(dBm)
OIP3
(dBm)
51
450
2.25
+31.0
+47.1
68
400
2.00
+30.9
+46.4
100
350
1.75
+30.8
+46.4
130
300
1.50
+30.6
+45.5
180
250
1.25
+30.5
+43.6
CAP
ID=C1
C=56 pF
CAP
ID=C2
C=56 pF
CAP
ID=C3
C=56 pF
CAP
ID=C4
C=10000000 pF
CAP
ID=C5
C=1000 pF
CAP
ID=C6
C=10 pF
CAP
ID=C7
C=1000 pF
CAP
ID=C8
C=1.0 pF
CAP
ID=C9
C=2.4 pF
TLINP
ID=FR4
Z0=50 Ohm
L=175 mil
Eeff=3.16
Loss=0
F0=0 MHz
TLINP
ID=FR1
Z0=50 Ohm
L=375 mil
Eeff=3.16
Loss=0
F0=0 MHz
RES
ID=R1
R=51 Ohm
RES
ID=R2
R=22 Ohm
IND
ID=L1
L=18 nH
RES
ID=R3
R=51 Ohm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SUBCKT
ID=ECP100D
NET="QFN"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
"G" on the WJ evaluation board as shown.
This component should be placed at silk screen marker
edge of the ECP100D pins to the center of the component.
·The transmission line length are from the
WJ evaluation board as shown.
at silk screen marker "3" on the
This component should be placed
+5 V
All passive components are of size 0603 unless otherwise noted.
size 1008
+5.6 V zener
2.14GHz Gain vs. Output Power
8.5
9
9.5
10
10.5
11
11.5
16
18
20
22
24
26
28
30
32
Output Power (dBm)
Idq=450mA ’Class A’
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA
2.14GHz OIP3 vs. Output Power per Tone
30
35
40
45
50
10
12
14
16
18
20
22
24
Power Out per Tone (dBm)
Idq=450mA ’Class A’
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA
W-CDMA ACLR vs. Output Channel Power
3GPP W-CDMA, Test Model 1 + 64 DPCH, ±5 MHz offset
-65
-60
-55
-50
-45
-40
-35
12
14
16
18
20
22
24
W-CDMA Channel Power Out (dBm)
Idq=450mA ’Class A’
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA
CW PAE vs. Output Power
1
10
100
16
18
20
22
24
26
28
30
32
CW Tone Power Out (dBm)
Idq=450mA ’Class A’
Idq=400mA
Idq=350mA
Idq=300mA
Idq=250mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com