Electronic Components Datasheet Search
  English  ▼

X  

ECP100 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # ECP100
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP100 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  ECP100 Datasheet HTML 1Page - WJ Communication. Inc. ECP100 Datasheet HTML 2Page - WJ Communication. Inc. ECP100 Datasheet HTML 3Page - WJ Communication. Inc. ECP100 Datasheet HTML 4Page - WJ Communication. Inc. ECP100 Datasheet HTML 5Page - WJ Communication. Inc. ECP100 Datasheet HTML 6Page - WJ Communication. Inc. ECP100 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 1 of 7
April 2006
ECP100D
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
Product Features
x 400 – 2300 MHz
x +31.5 dBm P1dB
x +46 dBm Output IP3
x 18 dB Gain @ 900 MHz
x 12 dB Gain @ 1960 MHz
x Single Positive Supply (+5V)
x Lead-free/Green/RoHS-compliant
16pin 4mm QFN package
Applications
x Final stage amplifiers for
Repeaters
x Mobile Infrastructure
x Defense / Homeland Security
Product Description
The ECP100D is a high dynamic range driver amplifier
in a low-cost surface mount package. The InGaP/GaAs
HBT is able to achieve superior performance for various
narrowband-tuned application circuits with up to +46
dBm OIP3 and +31.5 dBm of compressed 1-dB power.
It is housed in an industry standard Lead-
free/Green/RoHS-compliant 16-pin 4x4mm QFN SMT
package. All devices are 100% RF and DC tested.
The product is targeted for use as driver amplifier for
various
current
and
next
generation
wireless
technologies such as GPRS, GSM, CDMA, W-CDMA,
and UMTS, where high linearity and high power is
required. The internal active bias allows the ECP100D
to maintain high linearity over temperature and operate
directly off a +5 V supply.
Functional Diagram
Function
Pin No.
Vref
1
RF Input
3
RF Output
10, 11
Vbias
16
GND
Backside Paddle
N/C or GND
2, 4-9, 12-15
Specifications (1)
Parameter
Units Min Typ Max
Operational Bandwidth
MHz
400
2300
Test Frequency
MHz
2140
Gain
dB
10
11
Input Return Loss
dB
18
Output Return Loss
dB
8
Output P1dB
dBm
+29
+31.5
Output IP3 (2)
dBm
+43.8
+45
IS-95 Channel Power
@ -45 dBc ACPR, 1960MHz
dBm
+25.5
W-CDMA Channel Power
@ -45 dBc ACPR, 2140 MHz
dBm
+23
Noise Figure
dB
6.3
Operating Current Range , Icc (3)
mA
400
450
500
Device Voltage, Vcc
V
5
1. Test conditions unless otherwise noted: T = 25 ºC, Vsupply = +5 V in a tuned application circuit.
2. 3OIP measured with two tones at an output power of +15 dBm/tone separated by 1 MHz. The
suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. This corresponds to the quiescent current or operating current under small-signal conditions into
pins 10, 11 and 16. It is expected that the current can increase by an additional 90 mA at P1dB.
Pin 1 is used as a reference voltage for the internal biasing circuitry. It is expected that Pin 1 will
pull 10.8 mA of current when used with a series bias resistor of R1=51 . (ie. total device current
typically will be 461 mA.)
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
qC
Storage Temperature
-65 to +125
qC
RF Input Power (continuous)
+26 dBm
Device Voltage
+8 V
Device Current
900 mA
Device Power
5 W
Junction Temperature
+250
qC
Operation of this device above any of these parameters may cause permanent damage.
Typical Performance (4)
Parameter
Units
Typical
Frequency
MHz
900
1960
2140
S21 – Gain
dB
18
12
11
S11
dB
-13
-11
-18
S22
dB
-7
-10
-8
Output P1dB
dBm
+31
+32
+31.5
Output IP3
dBm
+46
+46
+45
IS-95A Channel Power
@ -45 dBc ACPR
dBm
+25.
5
+25.5
W-CDMA Channel Power
@ -45 dBc ACPR
dBm
+23
Noise Figure
dB
7.0
5.5
6.2
Supply Bias (3)
+5 V @ 450 mA
4. Typical parameters reflect performance in a tuned application circuit at +25 C.
Ordering Information
Part No.
Description
ECP100D-G
1 Watt InGaP HBT Amplifier
(Lead-free/Green/RoHS-compliant 16-pin 4x4mm Pkg.)
ECP100D-PCB900
900 MHz Evaluation Board
ECP100D-PCB1960
1960 MHz Evaluation Board
ECP100D-PCB2140
2140 MHz Evaluation Board
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
N/C
RF OUT
RF OUT
N/C
Vref
N/C
RF IN
N/C


Similar Part No. - ECP100

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECP100G WJCI-ECP100G Datasheet
813Kb / 9P
1 Watt, High Gain HBT Amplifier
More results

Similar Description - ECP100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH118 ETC-AH118 Datasheet
176Kb / 6P
1/4 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
1 Watt, High Linearity InGaP HBT Amplifier
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
List of Unclassifed Man...
AH115 ETC-AH115 Datasheet
577Kb / 7P
1/2 Watt, High Linearity InGaP HBT Amplifier
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
1/2 Watt, High Linearity InGaP HBT Amplifier
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
1/2 Watt, High Linearity InGaP HBT Amplifier
SCG015 WJCI-SCG015 Datasheet
398Kb / 6P
1/4 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
1 Watt, High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH118 TRIQUINT-AH118_15 Datasheet
843Kb / 14P
Watt, High Linearity InGaP HBT Amplifier
EC1089 TRIQUINT-EC1089_15 Datasheet
411Kb / 5P
Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com