Electronic Components Datasheet Search
  English  ▼

X  

VG111 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # VG111
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG111 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  VG111 Datasheet HTML 1Page - WJ Communication. Inc. VG111 Datasheet HTML 2Page - WJ Communication. Inc. VG111 Datasheet HTML 3Page - WJ Communication. Inc. VG111 Datasheet HTML 4Page - WJ Communication. Inc. VG111 Datasheet HTML 5Page - WJ Communication. Inc. VG111 Datasheet HTML 6Page - WJ Communication. Inc. VG111 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 7
February 2006
VG111
PCS/UMTS-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
Application Circuit: 2.0 – 2.2 GHz (VG111-PCB2100)
• Pins 7, 19, and 21 should not be connected.
• The amplifier is biased through Pin 25 and should be connected directly into a voltage regulator.
• DNP represents Do Not Place.
• Distances are shown from the edge-to-edge for the land pattern.
Circuit Board Material: .014” FR-4, 4 layers, .062” total thickness
Bill of Materials
Ref. Des.
Description
Size
C1, C7
47 pF Chip Capacitor
0603
C2
0.2 pF Chip Capacitor
0603
C3, C4
0.01
μF Chip Capacitor
0603
C5
0.6 pF Chip Capacitor
0603
C6
Do Not Place
L1, L2
22 nH Chip Inductor
0603
R1
100
Ω Chip Resistor
0603
R2
2.2
Ω Chip Resistor
0603
Q1
MMBT2222 Motorola Transistor
SOT-23
U1
VG111 Variable Gain Amplifier
QFN 6x6
OIP3 vs. Output Power
frequency = 2140, 2141 MHz, 0dB Atten.
25
30
35
40
45
-4
0
4
8
12
16
Output Power (dBm)
+25C
-40C
+85C
OIP3 vs. Attenuation
frequency = 2140, 2141 MHz, +10 dBm/tone, +25° C
25
30
35
40
45
02
46
8
10
Attenuation (dB)
ACPR vs. Channel Power
2140 MHz, 3GPP W-CDMA, Test Model 1 + 64 DPCH, ±5 MHz offset, 25°C
-60
-55
-50
-45
-40
11
12
13
14
15
Output Channel Power (dBm)
0dB Attn
2.5dB Attn
5dB Attn
10dB Attn
Gain vs. Pin 5 Attn. Control Current
-20
-15
-10
-5
0
5
10
15
20
0
5
10
15
20
25
Pin 5 Attenuation Control Current (mA)
+25°C
-40°C
+85°C
Normalized Gain vs. Pin 5 Control Current
0
5
10
15
20
25
30
35
0.1
1.0
10.0
100.0
Pin 5 Attenuation Control Current (mA)
+25°C
-40°C
+85°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com