Electronic Components Datasheet Search
  English  ▼

X  

VG111 Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # VG111
Description  PCS/UMTS-band Variable Gain Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

VG111 Datasheet(HTML) 1 Page - WJ Communication. Inc.

  VG111 Datasheet HTML 1Page - WJ Communication. Inc. VG111 Datasheet HTML 2Page - WJ Communication. Inc. VG111 Datasheet HTML 3Page - WJ Communication. Inc. VG111 Datasheet HTML 4Page - WJ Communication. Inc. VG111 Datasheet HTML 5Page - WJ Communication. Inc. VG111 Datasheet HTML 6Page - WJ Communication. Inc. VG111 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 1 of 7
February 2006
VG111
PCS/UMTS-band Variable Gain Amplifier
Product Information
The Communications Edge
TM
Product Features
• 1800 – 2200 MHz bandwidth
• 26.6 dB Attenuation Range
• +39.5 dBm Output IP3
• +22 dBm P1dB
• Constant IP3 & P1dB over
attenuation range
• Single voltage supply
• Pb-free 6mm 28-pin QFN package
• MTTF > 1000 years
Applications
• Xmit & Rcv AGC circuitry for
mobile infrastructure
Product Description
The VG111 is a PCS / UMTS-band high dynamic
range variable gain amplifier (VGA) packaged in a
low profile Pb-free / RoHS-compliant surface-mount
leadless package that measures 6 x 6 mm square.
The +22 dBm output compression point and +39.5
dBm output intercept point of the amplifier are
maintained over the entire attenuation range, making
the VG111 ideal for use in transmitter and receiver
AGC circuits and as a variable gain stage following
an LNA in high dynamic range receiver front ends.
Superior thermal design allows the product to have a
minimum MTTF rating of 1000 years at a mounting
temperature of +85º C. All devices are 100% RF &
DC tested and packaged on tape and reel for
automated surface-mount assembly.
Functional Diagram
Function
Pin No
Gain Control
5
No Connect
7, 19, 21
RF Input
11
RF Output / DC bias
25
Ground
All other pins
Backside copper
Specifications
(1)
Parameter
Units
Min
Typ
Max
Conditions
Operational Bandwidth
MHz
1800
2200
Test Frequency
MHz
1900
See note 1
Gain at min. attenuation
dB
12
14
Input Return Loss
dB
12
Output Return Loss
dB
11
Output P1dB
dBm
+22
Output IP3
dBm
+37
+39.5
See note 2
Noise Figure at min. attenuation
dB
3.5
VCTRL = 0 V
Test Frequency
MHz
2140
See note 1
Gain at min. attenuation
dB
13.3
Input Return Loss
dB
14
Output Return Loss
dB
14
Output P1dB
dBm
+22
Output IP3
dBm
+39.5
See note 2
Noise Figure at min. attenuation
dB
4.1
VCTRL = 0 V
Gain Variation Range
dB
23.5
26.6
32.5
See note 3
Gain Variation Control Voltage, VCTRL
V
0
4.5
See note 1
Group Delay
ns
0.6
Supply Voltage
V
+5
Operating Amplifier Current Range
mA
120
150
180
Pin 25
Gain Control Pin Current
mA
20
VCTRL = 4.5 V. See note 1.
1. Test conditions unless otherwise noted: 25ºC, Vdd = +5 V in a tuned application circuit. Vctrl is the control voltage through a BJT transistor and a 100
Ω dropping resistor as shown in the same application circuit.
2. 3OIP measured with two tones at an output power of +5 dBm/tone separated by 10 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. The gain variation range is measured as the difference in gain with Vctrl = 0V and Vctrl = 4.5V at 1.9 GHz.
Absolute Maximum Rating
Parameter
Rating
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-55 to +125
°C
Amplifier Supply Voltage (pin 25)
+6 V
Pin 5 (Gain Control) Current
30 mA
RF Input Power (continuous)
+12 dBm
Junction Temperature
+220
° C
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
VG111*
PCS/UMTS-band Variable Gain Amplifier
(Leaded QFN Pkg)
VG111-F
PCS/UMTS-band Variable Gain Amplifier
(lead-free/RoHS-compliant QFN Pkg)
VG111-PCB1900
1.8 – 2.0 GHz Fully Assembled Application Board
VG111-PCB2100
2.0 – 2.2 GHz Fully Assembled Application Board
*
This package is being phased out in favor of the lead-free package type which is backward compatible
for existing designs.
8
9
10
11
12
13
14
28
27
26
25
24
23
22
7
6
5
4
3
2
1
15
16
17
18
19
20
21
GND
GND
GND
RF OUT
GND
GND
GND
GND
GND
GND
RF IN
GND
GND
GND
Variable
Attenuator
Amp


Similar Part No. - VG111

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG111 WJCI-VG111 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG111-F WJCI-VG111-F Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG111-PCB1900 WJCI-VG111-PCB1900 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG111-PCB2100 WJCI-VG111-PCB2100 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
More results

Similar Description - VG111

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
VG112 WJCI-VG112 Datasheet
277Kb / 4P
PCS/UMTS-band Variable Gain Amplifier
VG101 WJCI-VG101 Datasheet
512Kb / 5P
Cellular-band Variable Gain Amplifier
MH302 WJCI-MH302 Datasheet
103Kb / 3P
PCS/UMTS-band Quad-FET Mixer
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
PCS/UMTS-band Variable Gain Amplifier
VG112 WJCI-VG112_06 Datasheet
341Kb / 5P
PCS/UMTS-band Variable Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7403 AVAGO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
ACMD-7403 AVAGO-ACMD-7403_15 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
logo
Broadcom Corporation.
DEMO-ACMD-7403 BOARDCOM-DEMO-ACMD-7403 Datasheet
1Mb / 11P
Miniature UMTS Band II / PCS Duplexer
logo
Analog Devices
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
E-Band Variable Gain Amplifier
4/2017-Rev. A to Rev. B
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
E-Band Variable Gain Amplifier
Feb-2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com