Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7356
Description  Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 1 Page - Analog Devices

  AD7356 Datasheet HTML 1Page - Analog Devices AD7356 Datasheet HTML 2Page - Analog Devices AD7356 Datasheet HTML 3Page - Analog Devices AD7356 Datasheet HTML 4Page - Analog Devices AD7356 Datasheet HTML 5Page - Analog Devices AD7356 Datasheet HTML 6Page - Analog Devices AD7356 Datasheet HTML 7Page - Analog Devices AD7356 Datasheet HTML 8Page - Analog Devices AD7356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Differential Input, Dual,
5 MSPS, 12-Bit, SAR ADC
Preliminary Technical Data
AD7356
Rev. PrC
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 12-bit SAR ADC
Simultaneous Sampling
Throughput rate: 5 MSPS Per Channel
Specified for VDD of 2.5 V
No latency to 12 bits
Power dissipation:
35 mW at 5 MSPS
On-chip reference:
2.048 V ± 0.5% max @ 25°C, 10ppm/°C
Dual conversion with read
High speed serial interface:
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
−40°C to +125°C operation
Shutdown mode: 10 µA max
16-lead TSSOP package
GENERAL DESCRIPTION
The AD73561 is a dual, 12-bit, high speed, low power, successive
approximation ADC that operates from a single 2.5 V power supply
and features throughput rates up to 5 MSPS. The part contains two
ADCs, each preceded by a low noise, wide bandwidth track-and-
hold circuit that can handle input frequencies in excess of
200 MHz.
The conversion process and data acquisition use standard control
inputs allowing for easy interfacing to microprocessors or DSPs.
The input signal is sampled on the falling edge of CS; conversion is
also initiated at this point. The conversion time is determined by
the SCLK frequency.
The AD7356 uses advanced design techniques to achieve very low
power dissipation at high throughput rates. With 2.5 V supply and
a 5 MSPS throughput rate, the part consumes 14 mA typically. The
part also offers flexible power/throughput rate management when
operating in normal mode as the quiescent current consumption is
so low.
The analog input range for the parts is the differential common
mode +/- Vref/2. The AD7356 has an on-chip 2.048 V reference
that can be overdriven when an external reference is preferred.
The AD7356 is available in a 16-lead thin shrink small outline
package (TSSOP).
FUNCTIONAL BLOCK DIAGRAM
AGND
CS
Vdd
SDATAA
SCLK
SDATAB
AD7356
T/H
CONTROL
LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
DGND
REF
BUF
Vdrive
BUF
AGND
REFGND
VINA+
VINA-
VINB+
VINB-
Figure 1.
PRODUCT HIGHLIGHTS
1.
Two Complete ADC Functions Allow Simultaneous Sampling
and Conversion of Two Channels.
The conversion result of both channels is simultaneously
available on separate data lines or in succession on one data
line if only one serial port is available.
2.
High Throughput with Low Power Consumption.
The AD7356 offers a 5 MSPS throughput rate with 35 mW
power consumption.
3.
The parts feature two standard successive approximation
ADCs with accurate control of the sampling instant via a
CS input and once off conversion control.
1 Protected by U.S. Patent No. 6,681,332


Similar Part No. - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356 Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7356BRUZ AD-AD7356BRUZ Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ AD-AD7356BRUZ Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7356BRUZ-500RL7 AD-AD7356BRUZ-500RL7 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results

Similar Description - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com