Electronic Components Datasheet Search
  English  ▼

X  

RTBS0200 Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # RTBS0200
Description  Precision DC Ammeter Shunt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

RTBS0200 Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  RTBS0200 Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTBS0200 Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTBS0200 Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
No.: E18015Version: V4
Date: 2022/12/26
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
Precision Shunt, Rated Current 200A, Standard Tolerance 0.1%
Low Thermal EMF, TCR
±20ppm/℃, Bakelite Based
Shunt works at very high current, so the temperature of surface rises sharply which will
cause the change of resistance. For precision measurement, we must choose shunts
which are with low TCR, low PCR and low Thermal EMF.
Resi launched the precision shunt series which can reach 0.1% 10% to 100% of rated
current. The maximum TCR is
±20ppm/℃ in the range of -20℃ to +120℃. Besides, the
shunt has extreme stability with low PCR and low Thermal EMF.
Measured at the center of metal strip
Measured at the center of metal strip
Measured at the center of metal strip
When reach heat balance, disconnect the circuit and test EMF
Measured temperature range of -25
℃ to +120℃, +25℃ Ref.
10%-100% Rated Current Test
2.25 rated voltage for 5 seconds
1.2 rated voltage for 2 hours, +25°C
Optimum Surface Temperature
Operating Temperature Range
Maximum Surface Temperature
Thermal EMF
TCR
Current Coefficient
Short Time Overload
Long Time Overload
Thermal Equilibrium Time
Performance
Test
Test Method
Standard
+30℃~+90
℃
- 40℃~+140
℃
+140
℃
<0.05 μV/℃
≤±20ppm/℃
≤±5ppm/A
△R≤±0.1%
<5min
△R≤±0.05%
‘
Measured at the center of metal strip when resistance won t change
±20ppm/
℃
RTBS0200B050Z00
±0.1%
250μΩ
50mV
200A
240A
384
±10g
±20ppm/℃
RTBS0200B075Z00
±0.1%
75mV
200A
240A
375±10g
Dimensions(mm)
Model
TCR
Tolerance
Resistance
Rated Current
Output Voltage
Max. Current
Weight
Model
TCR
Tolerance
Resistance
Rated Current
Output Voltage
Max. Current
Weight
350μΩ
46.3±0.5
86.3±0.5
200A 75mV
/
230101001
110.3±1
130±0.5
150±0.5
6
13
2-M3
2-M8
230101001
110.3±1
130±0.5
150±0.5
6
13
46.3±0.5
86.3±0.5
200A 50mV
/
2-M3
2-M8
Precision DC Ammeter Shunt
RTBS0200


Similar Part No. - RTBS0200

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0100 RESI-RTBS0100 Datasheet
883Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0100B050Z00 RESI-RTBS0100B050Z00 Datasheet
883Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0100B075Z00 RESI-RTBS0100B075Z00 Datasheet
883Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0300 RESI-RTBS0300 Datasheet
867Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results

Similar Description - RTBS0200

ManufacturerPart #DatasheetDescription
logo
C&B ELECTRONICS (SHENZH...
RTBS0050 RESI-RTBS0050 Datasheet
864Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTBS0100 RESI-RTBS0100 Datasheet
883Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0050 RESI-RTCS0050 Datasheet
939Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0200 RESI-RTCS0200 Datasheet
942Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0300 RESI-RTCS0300 Datasheet
945Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS0500 RESI-RTCS0500 Datasheet
936Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS1000 RESI-RTCS1000 Datasheet
862Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS10K0 RESI-RTCS10K0 Datasheet
643Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS16K0 RESI-RTCS16K0 Datasheet
688Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
RTCS20K0 RESI-RTCS20K0 Datasheet
640Kb / 3P
Precision DC Ammeter Shunt
2022/12/26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com