Electronic Components Datasheet Search
  English  ▼

X  

RTBS0200 Datasheet(PDF) 3 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # RTBS0200
Description  Precision DC Ammeter Shunt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

RTBS0200 Datasheet(HTML) 3 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  RTBS0200 Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTBS0200 Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD RTBS0200 Datasheet HTML 3Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
No.: E18015Version: V4
Date: 2022/12/26
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
-1000ppm
-900ppm
-800ppm
-700ppm
-600ppm
-500ppm
-400ppm
-300ppm
-200ppm
-100ppm
0ppm
0min
2min
4min
6min
8min
10min
12min
RTBS0200系列分流器通电阻值变化情况
RTBS0200B050Z00 20A
RTBS0200B050Z00 200A
RTBS0200B075Z00 20A
RTBS0200B075Z00 200A
T
B
S
0
2
0
0
Example
Identification Code
:RTBS0200B050Z00 ( RTBS 200A ±0.1% 50mV
)
B
0
5
0
Z
0
0
R
B=±0.1%
0200=200A
RTBS
050=50mV
075=75mV
Output Volatge
Identification Code
Tolerance
Rated Current
Series
*60mV, 100mV can be customized.
Part Number Information
*Under different heat dissipation conditions and different applied copper bar sizes, there will be some differences in the change of shunt on
resistance. The above operating conditions are under normal temperature with 200mm² copper wire;For customized test, please contact us
to provide detailed operating conditions.
Resistance Shift of Loaded RTBS0200 Series Shunt
Loaded Time
Curve of the Resistance of Loaded Shunt
Storage Instructions
(1) The shunt shall be stored at a temperature of 5 to 35 ° C, humidity<60% RH, and the humidity shall be kept at a low level;
(2) The shunt shall be protected from direct sunlight;
(3) The shunt shall be stored in a clean and dry environment, free of harmful gases (hydrogen chloride, sulfuric acid, hydrogen sulfide, etc.);
(4) Special gloves shall be worn for storage and handling to reduce the risk of surface oxidation;(5) Under the above conditions, the shunt
can be stored for at least 1 year.
(1) The minimum package is 1 piece;
(2) The inner part is sealed and the outer part is customized packing box.
Packaging Instructions
Precision DC Ammeter Shunt
RTBS0200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com