Electronic Components Datasheet Search
  English  ▼

X  

TCTR Datasheet(PDF) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # TCTR
Description  NTC Chip Thermistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

TCTR Datasheet(HTML) 1 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  TCTR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD TCTR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
No.: E20001Version: V1
Date: 2019/12/24
TCTR
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
Structure & Features
Dimensions
(mm)
● The resistive element on the alumina substrate is protected by insulation
glass, which lead to good mechanical strength and reliability;
● Regardless of the resistance, the thickness of the resistor is constant;
● The three-layer structure electrode ensures good solderability and resistance
to soldering heat;
● AEC-Q200 qualified;
● Some models comply with the UL 1434 standard;
● The operating temperature of some models can be up to 150
℃.
TCTR0805
TCTR0603
TCTR0402
Model
L
W
t
b
Package Quantity
2.00±0.20
1.25±0.20
0.55±0.10
0.40±0.20
5,000pcs
1.60±0.15
0.80±0.15
0.50±0.10
0.30±0.20
1.00±0.05
0.50±0.05
0.35±0.05
0.25+0.05-0.10
10,000pcs
Parameter
TCTR0805
TCTR0603
TCTR0402
≒1.3 mW/℃
≒2.5sec
5mW
130mW
≒1.2 mW/℃
≒2.0sec
120mW
-40~+125
℃
≒1.1 mW/℃
≒1.5sec
110mW
±1%,±2%,
±3%,±5%,±10%
±1%,±2%,
±3%,±5%
B Value(25
℃/85℃)
Standard Resistance Range(25
℃)
TCTR0805 (Ω)
TCTR0603 (Ω)
TCTR0402 (Ω)
High reliability, tight temperature detection tolerance
AEC-Q200 qualified
NTC Chip Thermistor
Protective Layer of Insulation Glass
External Coating
Internal Coating
The Resistive Element
Internal Electrode
High Purity Alumina Substrate
Model
Tolerance
B Value
Tolerance
δ
≦1.5mW/℃
Coefficient of
Heat Release
τ
≦5.0sec
Thermal Time
Constant
Maximum
Working Power
Rated Power
Operating
Temp. Range
L
W
t
b
b


Similar Part No. - TCTR

ManufacturerPart #DatasheetDescription
logo
SICK AG
TCT-1AAG10253LZ SICK-TCT-1AAG10253LZ Datasheet
278Kb / 5P
TEMPERATURE SENSORS
2017-03-14
TCT-1AAG10253MZ SICK-TCT-1AAG10253MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
2017-02-23
TCT-1AAG10503MZ SICK-TCT-1AAG10503MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
2017-02-23
TCT-1AAG11006MZ SICK-TCT-1AAG11006MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
2017-02-23
TCT-1AAG11506MZ SICK-TCT-1AAG11506MZ Datasheet
277Kb / 5P
TEMPERATURE SENSORS
More results

Similar Description - TCTR

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
NTC5-103-F3950M AAC-NTC5-103-F3950M Datasheet
87Kb / 1P
NTC CHIP THERMISTOR
logo
List of Unclassifed Man...
KS502J2 ETC2-KS502J2 Datasheet
70Kb / 1P
NTC THERMISTOR
KT103G2 ETC2-KT103G2 Datasheet
70Kb / 1P
NTC THERMISTOR
KS103J2 ETC2-KS103J2 Datasheet
70Kb / 1P
NTC THERMISTOR
logo
Abracon Corporation
ABNTC-0201 ABRACON-ABNTC-0201 Datasheet
1Mb / 3P
Chip NTC Thermistor
12.02.12
ABNTC-0402 ABRACON-ABNTC-0402 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
ABNTC-0603 ABRACON-ABNTC-0603 Datasheet
1Mb / 3P
Chip NTC Thermistor
02.17.15
ABNTC-0805 ABRACON-ABNTC-0805 Datasheet
1Mb / 3P
Chip NTC Thermistor
05.05.14
logo
Shanghai Leiditech Elec...
CMFD102F3200HANT LEIDITECH-CMFD102F3200HANT Datasheet
1Mb / 7P
CHIP NTC THERMISTOR
logo
List of Unclassifed Man...
MF52B2104F3950 ETC-MF52B2104F3950 Datasheet
178Kb / 9P
NTC Thermistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com