Electronic Components Datasheet Search
  English  ▼

X  

TCTR Datasheet(PDF) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

Part # TCTR
Description  NTC Chip Thermistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RESI [C&B ELECTRONICS (SHENZHEN) CO., LTD]
Direct Link  https://en.resistor.today/
Logo RESI - C&B ELECTRONICS (SHENZHEN) CO., LTD

TCTR Datasheet(HTML) 2 Page - C&B ELECTRONICS (SHENZHEN) CO., LTD

  TCTR Datasheet HTML 1Page - C&B ELECTRONICS (SHENZHEN) CO., LTD TCTR Datasheet HTML 2Page - C&B ELECTRONICS (SHENZHEN) CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
No.: E20001Version: V1
Date: 2019/12/24
C&B Electronics Shenzhen Co.,Ltd|
| resi@cbeureka.com | Tel:0755-83981080/83981010
www.resistor.today
Resistance & Temperature Table
TEMP.
(
℃)
Part Number Information
B value: Calculated from the resistance without load at 25
℃ and 85℃
Example: TCTR0805J1K00H3200T (TCTR 0805 ±5% 1KΩ B value tol 3% B value 3200K tape and reel)
T
C
T
R
0
8
0
5
J
1
K
0
0
H
3
2
0
0
T
Model
TCTR
Resistance
1R00=1R
1K00=1000R
1M00=1000000R
1M60=1600000R
Tolerance
F=±1%
G=±2%
H=±3%
J=±5%
K=±10%
Code
T=tape
Size
0402
0603
0805
BValue
Tolerance
F=±1%
G=±2%
H=±3%
J=±5%
B Value
3200=3200K
4000=4000K
4800=4800K
TCTR
NTC Chip Thermistor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com