Electronic Components Datasheet Search
  English  ▼

X  

39110 Datasheet(PDF) 1 Page - Belden Inc.

Part # 39110
Description  Lead Wire, #10 Str TC, PPO Ins, AWM 11028
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

39110 Datasheet(HTML) 1 Page - Belden Inc.

  39110 Datasheet HTML 1Page - Belden Inc. 39110 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 39110
Lead Wire, #10 Str TC, PPO Ins, AWM 11028
Product Description
Low Temp Plastic Lead Wire, 10AWG (105x30) Tinned Copper, PPO Insulation, AWM 11028 600V 105C VW-1
Technical Specifications
Product Overview
Suitable Applications:
Electrical panel builders, Electrical/electronic manufacturers, Appliance manufacturers, Furniture, Computer manufacturers, Automotive companies and their sub-suppliers
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
10 AWG 105x30
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
PPO - Polyphenylene Oxide 0.012 in (0.30 mm) 0.134 in (3.40 mm)
Overall Cable Diameter (Nominal): 0.134 in (3.40 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
1.05 Ohm/1000ft
Single conductor in free air @ 30ºC: 67 A
Voltage
UL Voltage Rating
600 V RMS
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-40°C To +105°C Dry
Bend Radius
Stationary Min.
Installation Min.
1.34 in (34.0 mm) 1.34 in (34.0 mm)
Max. Pull Tension:
99 lbs (45 kg)
Bulk Cable Weight:
37 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
VW-1
AWM Compliance:
AWM 11028


Similar Part No. - 39110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39110 ETC2-39110 Datasheet
46Kb / 1P
Plastek Storage Containers
39110 ETC2-39110 Datasheet
46Kb / 1P
Plastek Storage Containers
logo
C&K Components
391100000 CK-COMPONENTS-391100000 Datasheet
387Kb / 8P
Thumbwheel Switches
More results

Similar Description - 39110

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34410 BELDEN-34410 Datasheet
139Kb / 2P
Lead Wire, #10 Str TC, CSPE Ins, AWM 3191
01-20-2023
39112 BELDEN-39112 Datasheet
169Kb / 3P
Lead Wire, #12 Str TC, PPO Ins, AWM 11028
05-05-2023
39114 BELDEN-39114 Datasheet
169Kb / 3P
Lead Wire, #14 Str TC, PPO Ins, AWM 11028
05-05-2023
39116 BELDEN-39116 Datasheet
166Kb / 2P
Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
39118 BELDEN-39118 Datasheet
186Kb / 2P
Lead Wire, #18 Str TC, PPO Ins, AWM 11028
01-20-2023
39120 BELDEN-39120 Datasheet
169Kb / 3P
Lead Wire, #20 Str TC, PPO Ins, AWM 11028
05-05-2023
39122 BELDEN-39122 Datasheet
169Kb / 3P
Lead Wire, #22 Str TC, PPO Ins, AWM 11028
05-05-2023
39124 BELDEN-39124 Datasheet
169Kb / 3P
Lead Wire, #24 Str TC, PPO Ins, AWM 11028
05-05-2023
39126 BELDEN-39126 Datasheet
169Kb / 3P
Lead Wire, #26 Str TC, PPO Ins, AWM 11028
05-05-2023
39128 BELDEN-39128 Datasheet
169Kb / 3P
Lead Wire, #28 Str TC, PPO Ins, AWM 11028
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com