Electronic Components Datasheet Search
  English  ▼

X  

39110 Datasheet(PDF) 2 Page - Belden Inc.

Part # 39110
Description  Lead Wire, #10 Str TC, PPO Ins, AWM 11028
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

39110 Datasheet(HTML) 2 Page - Belden Inc.

  39110 Datasheet HTML 1Page - Belden Inc. 39110 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
Product Notes
Notes:
Halogen-free.
History
Update and Revision:
Revision Number: 0.492 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
39110 010100
Black
Reel
100 ft
612825148128
39110 0101000 Black
Reel
1,000 ft 612825148135
39110 0105000 Black
Reel
5,000 ft 612825148142
39110 013100
Blue, Dark
Reel
100 ft
612825148159
39110 0135000 Blue, Dark
Reel
5,000 ft 612825148173
39110 001100
Brown
Reel
100 ft
612825147886
39110 0011000 Brown
Reel
1,000 ft 612825147893
39110 0015000 Brown
Reel
5,000 ft 612825147909
39110 008100
Gray
Reel
100 ft
612825148067
39110 0085000 Gray
Reel
5,000 ft 612825148081
39110 0051000 Green, Dark
Reel
1,000 ft 612825148012
39110 0055000 Green, Dark
Reel
5,000 ft 612825148029
39110 189100
Green, Yellow Stripe Reel
100 ft
612825148180
39110 1895000 Green, Yellow Stripe Reel
5,000 ft 612825148203
39110 003100
Orange
Reel
100 ft
612825147947
39110 0035000 Orange
Reel
5,000 ft 612825147961
39110 002100
Red
Reel
100 ft
612825147916
39110 0021000 Red
Reel
1,000 ft 612825147923
39110 0025000 Red
Reel
5,000 ft 612825147930
39110 007100
Violet
Reel
100 ft
612825148036
39110 0075000 Violet
Reel
5,000 ft 612825148050
39110 009100
White
Reel
100 ft
612825148098
39110 0095000 White
Reel
5,000 ft 612825148111
39110 004100
Yellow
Reel
100 ft
612825147978
39110 0045000 Yellow
Reel
5,000 ft 612825147992
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com