Electronic Components Datasheet Search
  English  ▼

X  

39128 Datasheet(PDF) 1 Page - Belden Inc.

Part # 39128
Description  Lead Wire, #28 Str TC, PPO Ins, AWM 11028
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

39128 Datasheet(HTML) 1 Page - Belden Inc.

  39128 Datasheet HTML 1Page - Belden Inc. 39128 Datasheet HTML 2Page - Belden Inc. 39128 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 39128
Lead Wire, #28 Str TC, PPO Ins, AWM 11028
Product Description
Low Temp Plastic Lead Wire, 28AWG (7x36) Tinned Copper, PPO Insulation, AWM 11028 600V 105C VW-1
Technical Specifications
Product Overview
Suitable Applications:
Electrical panel builders, Electrical/electronic manufacturers, Appliance manufacturers, Furniture, Computer manufacturers, Automotive companies and their
sub-suppliers
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
28
7x36
TC - Tinned Copper 1
Conductor Count:
1
Insulation
Material
Nominal Diameter Nominal Wall Thickness
PPO - Polyphenylene Oxide 0.039 in
0.012 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
62.5 Ohm/1000ft
Current
Element
Max. Recommended Current [A]
Single Conductor in Free Aair @ 30C Ambient Single conductor in free air @ 30ºC: 5 A
Voltage
UL Voltage Rating
600 V RMS
Temperature Range
UL Temp Rating:
105°C
Operating Temperature Range:
-40°C To +105°C Dry
Mechanical Characteristics
Bulk Cable Weight:
1 lbs/1000ft
Min. Bend Radius/Minor Axis:
0.16 in
Standards
UL AWM Style Compliance:
AWM 11028
Applicable Environmental and Other Programs


Similar Part No. - 39128

ManufacturerPart #DatasheetDescription
logo
Heyco.
3912 HEYCO-3912 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
ASM GmbH
3912-20 ASM-SENSOR-3912-20 Datasheet
602Kb / 2P
USB Interface for Connecting the Data Logger Series to a PC
logo
List of Unclassifed Man...
39120 ETC2-39120 Datasheet
46Kb / 1P
Plastek Storage Containers
39120 ETC2-39120 Datasheet
46Kb / 1P
Plastek Storage Containers
logo
Belden Inc.
39120 BELDEN-39120 Datasheet
169Kb / 3P
Lead Wire, #20 Str TC, PPO Ins, AWM 11028
05-05-2023
More results

Similar Description - 39128

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
37102 BELDEN-37102 Datasheet
152Kb / 2P
Lead Wire, #2 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
39110 BELDEN-39110 Datasheet
192Kb / 2P
Lead Wire, #10 Str TC, PPO Ins, AWM 11028
01-20-2023
39112 BELDEN-39112 Datasheet
169Kb / 3P
Lead Wire, #12 Str TC, PPO Ins, AWM 11028
05-05-2023
39114 BELDEN-39114 Datasheet
169Kb / 3P
Lead Wire, #14 Str TC, PPO Ins, AWM 11028
05-05-2023
39116 BELDEN-39116 Datasheet
166Kb / 2P
Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
39118 BELDEN-39118 Datasheet
186Kb / 2P
Lead Wire, #18 Str TC, PPO Ins, AWM 11028
01-20-2023
39120 BELDEN-39120 Datasheet
169Kb / 3P
Lead Wire, #20 Str TC, PPO Ins, AWM 11028
05-05-2023
39122 BELDEN-39122 Datasheet
169Kb / 3P
Lead Wire, #22 Str TC, PPO Ins, AWM 11028
05-05-2023
39124 BELDEN-39124 Datasheet
169Kb / 3P
Lead Wire, #24 Str TC, PPO Ins, AWM 11028
05-05-2023
39126 BELDEN-39126 Datasheet
169Kb / 3P
Lead Wire, #26 Str TC, PPO Ins, AWM 11028
05-05-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com