Electronic Components Datasheet Search
  English  ▼

X  

39128 Datasheet(PDF) 2 Page - Belden Inc.

Part # 39128
Description  Lead Wire, #28 Str TC, PPO Ins, AWM 11028
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

39128 Datasheet(HTML) 2 Page - Belden Inc.

  39128 Datasheet HTML 1Page - Belden Inc. 39128 Datasheet HTML 2Page - Belden Inc. 39128 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2003/96/EC (BFR):
Yes
EU Directive 2011/65/EU (RoHS 2):
Yes
EU Directive 2012/19/EU (WEEE):
Yes
EU Directive 2015/863/EU (RoHS 2
amendment):
Yes
EU Directive Compliance:
EU Directive 2003/11/EC (BFR)
EU CE Mark:
Yes
CA Prop 65:
Yes
MII Order #39 (China RoHS):
Yes
Flammability, LS0H, Toxicity Testing
UL Flammability:
VW-1
UL voltage rating:
600 V RMS
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color
Put-Up Type Length
UPC
39128 010100
Black
Reel
100 ft
612825150978
39128 0101000 Black
Reel
1,000 ft 612825150985
39128 0105000 Black
Reel
5,000 ft 612825150992
39128 0135000 Blue, Dark
Reel
5,000 ft 612825151029
39128 0011000 Brown
Reel
1,000 ft 612825150749
39128 0015000 Brown
Reel
5,000 ft 612825150756
39128 008100
Gray
Reel
100 ft
612825150916
39128 0081000 Gray
Reel
1,000 ft 612825150923
39128 0085000 Gray
Reel
5,000 ft 612825150930
39128 005100
Green, Dark Reel
100 ft
612825150855
39128 0055000 Green, Dark Reel
5,000 ft 612825150879
39128 003100
Orange
Reel
100 ft
612825150794
39128 0031000 Orange
Reel
1,000 ft 612825150800
39128 0035000 Orange
Reel
5,000 ft 612825150817
39128 0025000 Red
Reel
5,000 ft 612825150787
39128 0071000 Violet
Reel
1,000 ft 612825150893
39128 0075000 Violet
Reel
5,000 ft 612825150909
39128 009100
White
Reel
100 ft
612825150947
39128 0091000 White
Reel
1,000 ft 612825150954
39128 0095000 White
Reel
5,000 ft 612825150961
39128 004100
Yellow
Reel
100 ft
612825150824
39128 0045000 Yellow
Reel
5,000 ft 612825150848
Footnote:
C - CRATE REEL PUT-UP., Z - FINAL PUT-UP MAY VARY (= OR -) 10% FOR SPOOLS OR REELS AND (+ OR -) 5% FOR UNREEL CARTONS FROM
LENGTH SHOWN.
Product Notes
Notes:
Halogen-free.
History
Update and Revision:
Revision Number: 0.386 Revision Date: 05-05-2023
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com