Electronic Components Datasheet Search
  English  ▼

X  

83007 Datasheet(PDF) 1 Page - Belden Inc.

Part # 83007
Description  Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83007 Datasheet(HTML) 1 Page - Belden Inc.

  83007 Datasheet HTML 1Page - Belden Inc. 83007 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 83007
Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
Product Description
High Temp Plastic Lead Wire, 20AWG (19x32) Silver Plated Copper, TFE Insulation, AWM 1213 105C TYPE E MIL-W-16878/4 600V 200C
Technical Specifications
Product Overview
Suitable Applications:
high temperature, inter-connection circuits, internal wiring of computer and electronic equipments, (Type E) MIL-W-16878/4 applications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 1
20 AWG 19x32
SC - Silvered Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter
PTFE - Polytetrafluoroethylene 0.009 in (0.23 mm) 0.056 in (1.4 mm)
Overall Cable Diameter (Nominal): 0.056 in (1.4 mm)
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
9 Ohm/1000ft
Mil-Std-975M Table 3.16 (single wire): 6.5 A
Voltage
UL Voltage Rating
600 V RMS
Mechanical Characteristics
Temperature
UL Temperature
Operating
200°C
-70°C To +200°C
Bend Radius
Stationary Min. Installation Min.
0.56 in (14 mm)
0.56 in (14 mm)
Max. Pull Tension:
13 lbs (5.9 kg)
Bulk Cable Weight:
5 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor
Sustainability:
CA Prop 65
Flammability / Reaction to Fire:
VW-1
AWM Compliance:
AWM 1213


Similar Part No. - 83007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8300 ETC1-8300 Datasheet
48Kb / 1P
4700
logo
3M Electronics
8300 3M-8300 Datasheet
807Kb / 16P
Static Dissipative Rigid Worksurface 8300 Series
Feb-2006
logo
List of Unclassifed Man...
8300 ETC2-8300 Datasheet
448Kb / 4P
Hinged top panel for 352HL and 352HS
logo
ebm-papst
8300 EBMPAPST-8300 Datasheet
375Kb / 3P
DC axial fans
8300 EBMPAPST-8300 Datasheet
704Kb / 3P
DC axial fans
More results

Similar Description - 83007

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
34920 BELDEN-34920 Datasheet
142Kb / 2P
Lead Wire, #20 Str TC, CSPE Ins, AWM 3190
05-05-2023
83000 BELDEN-83000 Datasheet
142Kb / 2P
Lead Wire, #30 Str SPC, TFE Ins, AWM 1213
01-20-2023
83001 BELDEN-83001 Datasheet
143Kb / 2P
Lead Wire, #28 Str SPC, TFE Ins, AWM 1213
01-20-2023
83002 BELDEN-83002 Datasheet
143Kb / 2P
Lead Wire, #26 Str SPC, TFE Ins, AWM 1213
01-20-2023
83003 BELDEN-83003 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1213
01-20-2023
83004 BELDEN-83004 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1213
01-20-2023
83005 BELDEN-83005 Datasheet
143Kb / 2P
Lead Wire, #22 Str SPC, TFE Ins, AWM 1213
01-20-2023
83008 BELDEN-83008 Datasheet
141Kb / 2P
Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
01-20-2023
83010 BELDEN-83010 Datasheet
144Kb / 2P
Lead Wire, #16 Str SPC, TFE Ins, AWM 1371
01-20-2023
83023 BELDEN-83023 Datasheet
143Kb / 2P
Lead Wire, #24 Str SPC, TFE Ins, AWM 1180
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com