Electronic Components Datasheet Search
  English  ▼

X  

83007 Datasheet(PDF) 2 Page - Belden Inc.

Part # 83007
Description  Lead Wire, #20 Str SPC, TFE Ins, AWM 1213
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

83007 Datasheet(HTML) 2 Page - Belden Inc.

  83007 Datasheet HTML 1Page - Belden Inc. 83007 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NEMA Compliance:
HP3
Military Compliance:
MIL-W-16878/4
European Directive Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.484 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
83007 010100
Black
Reel
100 ft
612825354413
83007 010500
Black
Reel
500 ft
83007 0101000 Black
Reel
1,000 ft 612825354215
83007 006100
Blue, Light
Reel
100 ft
83007 006500
Blue, Light
Reel
500 ft
83007 0061000 Blue, Light
Reel
1,000 ft 612825399391
83007 001100
Brown
Reel
100 ft
83007 0011000 Brown
Reel
1,000 ft 612825399377
83007 008100
Gray
Reel
100 ft
83007 0081000 Gray
Reel
1,000 ft 612825354000
83007 005100
Green, Dark Reel
100 ft
83007 0051000 Green, Dark Reel
1,000 ft
83007 003100
Orange
Reel
100 ft
83007 0031000 Orange
Reel
1,000 ft
83007 002100
Red
Reel
100 ft
612825354031
83007 002500
Red
Reel
500 ft
83007 0021000 Red
Reel
1,000 ft 612825354222
83007 007100
Violet
Reel
100 ft
83007 0071000 Violet
Reel
1,000 ft 612825354239
83007 009100
White
Reel
100 ft
83007 009500
White
Reel
500 ft
83007 0091000 White
Reel
1,000 ft 612825378372
83007 004100
Yellow
Reel
100 ft
83007 0041000 Yellow
Reel
1,000 ft 612825399384
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com