Electronic Components Datasheet Search
  English  ▼

X  

PI3B4010 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3B4010
Description  3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B4010 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3B4010 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PS8571A
12/11/02
PI3B4010
3.3V, High Bandwidth, 40:10-Bit,
DDR Mux/Demux NanoSwitch
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123
Switching Characteristics (overoperatingrangeoverrecommendedoperatingfree-airtemperaturerange).
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
m
o
C
s
t
i
n
U
.
n
i
Mp
y
T.
x
a
M
t Y
I
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
AN
B
o
t
N
Z
/
w O
s
m
h
O
0
5
=–
–
3
.
0–
s
n
t Y
S
L
E
S
-
e
m
i
T
t
c
e
l
e
S
s
u
B
N
A
o
t
N B
, N
–5
.
0–
0
.
3
t L
Z
P
L
E
S
-
e
m
i
T
e
l
b
a
n
E
s
u
B
N
A
o
t
N B
, N
–5
.
0–
0
.
3
t Z
L
P
L
E
S
-
e
m
i
T
e
l
b
a
s
i
D
s
u
B
N
A
o
t
N B
, N
–5
.
0–
0
.
3
t
)
o
(
K
S
A
(
s
t
r
o
p
r
e
t
n
e
c
n
e
e
w
t
e
b
w
e
k
s
t
u
p
t
u
O
4
A
& 5
t
r
o
p
r
e
h
t
o
y
n
a
o
t
)
)
2
(
––
1
.
02
.
0
t
)
p
(
K
S
(
t
u
p
t
u
o
e
m
a
s
e
h
t
f
o
s
n
o
it
i
s
n
a
r
t
e
ti
s
o
p
p
o
n
e
e
w
t
e
b
w
e
k
SIt L
H
P
t
-
H
L
P
I) )
2
(
––
1
.
02
.
0
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed by design.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.75ns for 50pF load. Since this time constant is much smaller
than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay of the
bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction with the
load on the driven side.
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR
≤ MHz, ZO = 50Ω, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with one transition per measurement.
Test Circuits for All Outputs(1)
t
s
e
Th
c
t
i
w
S
)
e
d
i
s
A
n
o
t
u
p
t
u
o
(
W
O
L
e
l
b
a
n
E
,
W
O
L
e
l
b
a
s
i
DV
0
.
5
)
e
d
i
s
A
n
o
t
u
p
t
u
o
(
H
G
I
H
e
l
b
a
n
E
,
H
G
I
H
e
l
b
a
s
i
DD
N
G
y
a
l
e
D
p
o
r
P
&
)
e
d
i
s
B
n
o
t
u
p
t
u
o
(
h
g
i
H
e
l
b
a
n
E
/
e
l
b
a
s
i
Dn
e
p
O
SwitchPositions
RT
8pF
CL
VCC
VIN
VOUT
500
Ω
500
Ω
55
Ω
5.0V
Pulse
Generator
D.U.T
55
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com