Electronic Components Datasheet Search
  English  ▼

X  

PI3B4010 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B4010
Description  3.3V, High-Bandwidth, 40:10-Bit DDR Mux/Demux NanoSwitch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B4010 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B4010 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3B4010 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8571A
12/11/02
PI3B4010
3.3V, High Bandwidth, 40:10-Bit,
DDR Mux/Demux NanoSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics over Operating Range (TA = 0°C to 70°C, VCC = 3.3V ±5%)
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
H
G
I
H
d
e
e
t
n
a
r
a
u
G6
.
1–
V C
C
3
.
0
+
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
H
G
I
H
d
e
e
t
n
a
r
a
u
G3
.
0
––
9
.
0
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
a
l
CV C
C
V
,.
x
a
M
=
N
I=
A
m
8
1
––
7
.
0
–2
.
1
–
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
V
=
C
C
––
0
1
±
µA
I L
I
t
n
e
r
r
u
C
W
O
L
t
u
p
n
IV C
C
V
,.
x
a
M
=
N
I
D
N
G
=–
–
0
1
±
R N
O
e
c
n
a
t
s
i
s
e
R
n
O
h
c
ti
w
S
)
3
(
V C
C
V
8
.
0
,.
n
i
M
=
≤V N
I
≤
I
,
V
5
.
2
N
I
A
m
0
2
–
=–
5
25
3
Ω
R
)
N
O
(
T
A
L
F
s
s
e
n
t
a
l
F
e
c
n
a
t
s
i
s
e
R
n
O
)
4
(
V C
C
V
,.
n
i
M
=
N
I
I
V
7
.
1
d
n
a
V
8
.
0
@
N
I
A
m
0
2
–
=–
0
.
1–
∆R N
O
h
c
t
a
m
e
c
n
a
t
s
i
s
e
R
n
O
y
n
a
o
t
s
t
r
o
p
r
e
t
n
e
c
m
o
r
f
t
r
o
p
r
e
h
t
o
)
4
(
V C
C
V
8
.
0
,.
n
i
M
=
≤V N
I
≤
I
,
V
5
.
2
N
I
A
m
0
2
–
=–
9
.
02
R D
P
e
c
n
a
t
s
i
s
e
R
n
w
o
D
-l
l
u
PV N
I
V
5
.
2
o
t
V
0
=0
80
0
10
3
1
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T.
p
y
T
)
4
(
.
x
a
Ms
t
i
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
5
.
3–
F
p
C
)
A
(
F
F
O
F
F
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
A
t
r
o
P0
.
2
1–
C
)
B
/
A
(
N
O
N
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A0
.
5
1–
C
)
B
(
F
F
O
F
F
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
t
r
o
P5
.
4–
Capacitance (TA=25°C,f=1MHz)
Notes:
1. For min. or max. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pins at indicated current through the switch. ON resistance is determined by the
lower of the voltages on the two (A & B) pins.
4. This parameter is determined by device characterization but is not production tested.
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
PowerSupplyCharacteristics
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
i
u
QV C
C
V
,.
x
a
M
=
N
I
V
r
o
D
N
G
=
C
C
––
0
1A
µ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com