Electronic Components Datasheet Search
  English  ▼

X  

2SB1424 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SB1424
Description  Low VCE(sat) Transistor(-20V,-3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SB1424 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SB1424 Datasheet HTML 1Page - Nanjing International Group Co 2SB1424 Datasheet HTML 2Page - Nanjing International Group Co 2SB1424 Datasheet HTML 3Page - Nanjing International Group Co 2SB1424 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low VCE(sat) Transistor(-20V,-3A)
2SB1424
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-50μA IE=0
-20
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA IB=0
-20
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA IC=0
-6
V
Collector cut-off current
ICBO
VCB=-20V IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
μA
DC current gain
hFE
VCE=-2V IC=-0.1A
120
390
Collector-emitter saturation voltage
VCE(sat)
IC=-2A IB=-0.1A
-0.5
V
Transition frequency
fT
VCE=-2V,IC=-0.5A,
f=100MHz
240
MHz
Output Capacitance
Cobo
VCB=-10V f=1MHz IE=0
-
35
pF
CLASSIFICATION HFE
Rank
Q
R
Range
120-270
180-390
Marking
AEQ
AER
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.dgnjdz.com
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com