Electronic Components Datasheet Search
  English  ▼

X  

2SB1424 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SB1424
Description  Low VCE(sat) Transistor(-20V,-3A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SB1424 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SB1424 Datasheet HTML 1Page - Nanjing International Group Co 2SB1424 Datasheet HTML 2Page - Nanjing International Group Co 2SB1424 Datasheet HTML 3Page - Nanjing International Group Co 2SB1424 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low VCE(sat) Transistor(-20V,-3A)
2SB1424
www.dgnjdz.com
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com