Electronic Components Datasheet Search
  English  ▼

X  

2SD669 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SD669
Description  TO-252-2L Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD669 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SD669 Datasheet HTML 1Page - Nanjing International Group Co 2SD669 Datasheet HTML 2Page - Nanjing International Group Co 2SD669 Datasheet HTML 3Page - Nanjing International Group Co 2SD669 Datasheet HTML 4Page - Nanjing International Group Co 2SD669 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1000
200
400
600
800
1000
1200
1
10
100
1000
10
100
1000
0.1
1
10
100
10
100
1000
200
400
600
800
1000
1
10
100
1000
10
100
1000
10
100
012
3456
0.00
0.06
0.12
0.18
0.24
0.30
0.36
P
C
—— T
a
AMBIENT TEMPERATURE
T
a
(
)
℃
β=10
I
c
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a
=100 ℃
T
a
=25℃
500
1500
1500
1500
T
a
=100℃
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
= 5V
COLLECTOR-BASE VOLTAGE
V
(V)
C
ob
/C
ib
—— V
CB
/V
EB
f=1MHz
I
E
=0/I
C
=0
T
a
=25 ℃
C
ob
C
ib
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
—— V
BE
COMMON EMITTER
V
CE
=5V
1500
β=10
T a
=1
00
℃
T a
=2
5℃
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
I
C
h
FE
——
Static Characteristic
COMMON EMITTER
T
a
=25℃
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.4mA
0.6mA
0.8mA
I
B
=0.2mA
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com