Electronic Components Datasheet Search
  English  ▼

X  

DG540AP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG540AP
Description  Wideband/Video T Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG540AP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG540AP Datasheet HTML 3Page - Vishay Siliconix DG540AP Datasheet HTML 4Page - Vishay Siliconix DG540AP Datasheet HTML 5Page - Vishay Siliconix DG540AP Datasheet HTML 6Page - Vishay Siliconix DG540AP Datasheet HTML 7Page - Vishay Siliconix DG540AP Datasheet HTML 8Page - Vishay Siliconix DG540AP Datasheet HTML 9Page - Vishay Siliconix DG540AP Datasheet HTML 10Page - Vishay Siliconix DG540AP Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DG540/541/542
Vishay Siliconix
Document Number: 70055
S-00399—Rev. G, 13-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-9
APPLICATIONS
Power Supplies
A useful feature of the DG54X family is its power supply
flexibility. It can be operated from a single positive supply (V+)
if required (V– connected to ground).
Note that the analog signal must not exceed V– by more than
–0.3 V to prevent forward biasing the substrate p-n junction.
The use of a V– supply has a number of advantages:
1.
It allows flexibility in analog signal handling, i.e., with V– =
–5 V and V+ = 12 V; up to
"5-V ac signals can be
controlled.
2.
The value of on capacitance [CS(on)] may be reduced. A
property known as ‘the body-effect’ on the DMOS switch
devices causes various parametric effects to occur. One
of these effects is the reduction in CS(on) for an increasing
V body–source. Note, however, that to increase V–
normally requires V+ to be reduced (since V+ to V– = 21 V
max.). Reduction in V+ causes an increase in rDS(on),
hence a compromise has to be achieved. It is also useful
to note that optimum video linearity performance (e.g.,
differential phase and gain) occurs when V– is around
–3 V.
3.
V– eliminates the need to bias the analog signal using
potential dividers and large coupling capacitors.
Decoupling
It is an established RF design practice to incorporate sufficient
bypass capacitors in the circuit to decouple the power supplies
to all active devices in the circuit. The dynamic performance of
the DG54X is adversely affected by poor decoupling of power
supply pins. Also, of even more significance, since the
substrate of the device is connected to the negative supply,
adequate decoupling of this pin is essential.
Rules:
1.
Decoupling capacitors should be incorporated on all
power supply pins (V+, V–). (See Figure 7.)
2.
They should be mounted as close as possible to the
device pins.
3.
Capacitors
should
have
good
high
frequency
characteristics – tantalum bead and/or monolithic ceramic
types are adequate.
Suitable decoupling capacitors are 1- to 10-
mF tanta-
lum bead, plus 10- to 100-nF ceramic.
+
+
–3 V
GNDs
+15 V
DG540
V+
V–
S1
S2
S3
S4
D1
D2
D3
D4
C1
C2
C1
C2
C1 = 10 mF Tantalum
C2 = 0.1 mF Ceramic
FIGURE 7. Supply Decoupling
Board Layout
PCB layout rules for good high frequency performance must
be observed to achieve the performance boasted by the
DG540. Some tips for minimizing stray effects are:
1.
Use extensive ground planes on double sided PCB,
separating adjacent signal paths. Multilayer PCB is even
better.
2.
Keep signal paths as short as practically possible, with all
channel paths of near equal length.
3.
Careful arrangement of ground connections is also very
important. Star connected system grounds eliminate
signal current flowing through ground path parasitic
resistance from coupling between channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com