Electronic Components Datasheet Search
  English  ▼

X  

DG540AP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG540AP
Description  Wideband/Video T Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG540AP Datasheet(HTML) 1 Page - Vishay Siliconix

  DG540AP Datasheet HTML 1Page - Vishay Siliconix DG540AP Datasheet HTML 2Page - Vishay Siliconix DG540AP Datasheet HTML 3Page - Vishay Siliconix DG540AP Datasheet HTML 4Page - Vishay Siliconix DG540AP Datasheet HTML 5Page - Vishay Siliconix DG540AP Datasheet HTML 6Page - Vishay Siliconix DG540AP Datasheet HTML 7Page - Vishay Siliconix DG540AP Datasheet HTML 8Page - Vishay Siliconix DG540AP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PLCC
14
15
16
17
18
8
7
6
5
4
1
2
319
20
11
10
913
12
Top View
S1
GND
V–
S2
GND
V+
S4
GND
GND
S3
V–
GND
D4
S3
Dual-In-Line
D3
GND
GND
GND
S4
GND
S2
V+
GND
IN1
IN3
IN2
S1
IN4
D1
D2
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
Top View
912
10
11
DG540
DG540
DG540/541/542
Vishay Siliconix
Document Number: 70055
S-00399—Rev. G, 13-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-1
Wideband/Video “T” Switches
FEATURES
BENEFITS
APPLICATIONS
D Wide Bandwidth: 500 MHz
D Low Crosstalk: –85 dB
D High Off-Isolation: –80 dB @ 5 MHz
D “T” Switch Configuration
D TTL and CMOS Logic Compatible
D Fast Switching—tON: 45 ns
D Low rDS(on): 30 W
D Flat Frequency Response
D High Color Fidelity
D Low Insertion Loss
D Improved System Performance
D Reduced Board Space
D Reduced Power Consumption
D Improved Data Throughput
D RF and Video Switching
D RGB Switching
D Local and Wide Area Networks
D Video Routing
D Fast Data Acquisition
D ATE
D Radar/FLR Systems
D Video Multiplexing
DESCRIPTION
The DG540/541/542 are high performance monolithic
wideband/video switches designed for switching RF, video
and digital signals. By utilizing a “T” switch configuration on
each channel, these devices achieve exceptionally low
crosstalk and high off-isolation. The crosstalk and off-isolation
of the DG540 are further improved by the introduction of extra
GND pins between signal pins.
To achieve TTL compatibility, low channel capacitances and
fast switching times, the DG540 family is built on the
Vishay Siliconix proprietary D/CMOS process. Each switch
conducts equally well in both directions when on.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
Switch
0
OFF
1
ON
Logic “0”
v 0.8 V
Logic “1”
w 2 V
Logic 1
w 2 V


Similar Part No. - DG540AP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG540AP TEMIC-DG540AP Datasheet
154Kb / 10P
Wideband/Video T Switches
logo
Vishay Siliconix
DG540AP VISHAY-DG540AP Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
DG540AP-883 VISHAY-DG540AP-883 Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
logo
TEMIC Semiconductors
DG540AP/883 TEMIC-DG540AP/883 Datasheet
154Kb / 10P
Wideband/Video T Switches
More results

Similar Description - DG540AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
Wideband Video Buffer
logo
TEMIC Semiconductors
DG540 TEMIC-DG540 Datasheet
154Kb / 10P
Wideband/Video T Switches
logo
Vishay Siliconix
DG540 VISHAY-DG540_11 Datasheet
243Kb / 18P
Wideband/Video "T" Switches
18-Jul-11
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
Video Crosspoint Switches
5/16-Rev. 0 to Rev. A
logo
Vishay Siliconix
DG540 VISHAY-DG540_V01 Datasheet
253Kb / 18P
Wideband/Video “T” Switches
18-Jul-11
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com