Electronic Components Datasheet Search
  English  ▼

X  

UTC78D Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTC78D
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC78D Datasheet(HTML) 6 Page - Unisonic Technologies

  UTC78D Datasheet HTML 1Page - Unisonic Technologies UTC78D Datasheet HTML 2Page - Unisonic Technologies UTC78D Datasheet HTML 3Page - Unisonic Technologies UTC78D Datasheet HTML 4Page - Unisonic Technologies UTC78D Datasheet HTML 5Page - Unisonic Technologies UTC78D Datasheet HTML 6Page - Unisonic Technologies UTC78D Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UTC78DXX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
6
QW-R101-005,C
IO=5mA - 0.5A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
110
uV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-2.2
mV/
°C
Ripple Rejection
RR
VI =22V - 32V,f=120Hz,Tj=25
°C
53
69
dB
Peak Output Current
IPK
Tj=25
°C
1.2
A
Short-Circuit Current
ISC
VI=35V, Tj=25
°C
250
mA
Dropout Voltage
Vd
Tj=25
°C
2.0
V
UTC78D24 ELECTRICAL CHARACTERISTICS
( VI=33V, Io=0.5A, Tj= 0
°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C, IO=5mA - 0.5A
23.04 24.0
24.96
V
Output Voltage
Vo
VI =27V to 38V,
IO=5mA - 0.5A, PD<7W
22.80
25.20
V
Load Regulation
∆Vo
Tj=25
°C,IO=5mA - 0.5A
240
mV
Tj=25
°C,IO=5mA - 200mA
120
mV
Line regulation
∆Vo
VI =27V to 38V,Tj=25
°C
240
mV
VI =27V to 38V,Tj=25
°C,Io=0.5A
240
mV
Quiescent Current
Iq
Tj=25
°C, IO=0.5A
8.0
mA
Quiescent Current Change
∆Iq
VI =28V to 38V
1.0
mA
∆Iq
IO=5mA - 0.5A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
170
uV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-2.8
mV/
°C
Ripple Rejection
RR
VI =28V - 38V,f=120Hz,Tj=25
°C
50
66
dB
Peak Output Current
IPK
Tj=25
°C
1.2
A
Short-Circuit Current
ISC
VI=35V, Tj=25
°C
250
mA
Dropout Voltage
Vd
Tj=25
°C
2.0
V
Note 1: The Maximum steady state usable output current are dependent on input voltage, heat sinking , lead
length of the package and copper pattern of PCB. The data above represents pulse test conditions with
junction temperatures specified at the initiation of test.
Note 2: Power dissipation<0.5W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com