Electronic Components Datasheet Search
  English  ▼

X  

UTC78D Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC78D
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC78D Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC78D Datasheet HTML 1Page - Unisonic Technologies UTC78D Datasheet HTML 2Page - Unisonic Technologies UTC78D Datasheet HTML 3Page - Unisonic Technologies UTC78D Datasheet HTML 4Page - Unisonic Technologies UTC78D Datasheet HTML 5Page - Unisonic Technologies UTC78D Datasheet HTML 6Page - Unisonic Technologies UTC78D Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UTC78DXX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R101-005,C
3-TERMINAL 0.5A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78DXX family is monolithic fixed
voltage regulator integrated circuit. They are suitable
for applications that required supply current up to 0.5
A.
FEATURE
*Output current up to 0.5 A
*Fixed output voltage of 3.3V,4.7V,5V, 6V, 8V, 9V,
12V, 15V ,18V and 24V available
*Thermal overload shutdown protection
*Short circuit current limiting
*Output transistor SOA protection
TO-252
1
TO-251
1
1: Input
2: GND
3: Output
EQUIVALENT CIRCUIT
3
1
2
GND
OUTPUT
INPUT
R13
R17
R9
Z2
T12
T14
R19
R18
R12
R11
R10
R8
T8
T9
T13
T10
R14
T11
T5
T6
R5
T4
Z1
R15
T15
R16
R1
R2
R4
C1
R6
T7
T3
T1
T2
R3
R7


Similar Part No. - UTC78D

ManufacturerPart #DatasheetDescription
logo
Hangzhou Youwang Electr...
UTC78040 YOUWANG-UTC78040 Datasheet
118Kb / 5P
VERTICAL DEFLECTION IC
UTC78045 YOUWANG-UTC78045 Datasheet
95Kb / 5P
TV and CRT Display Vertical Output IC with Bus Control Support
2009.08.20 V1.0
UTC7805 YOUWANG-UTC7805 Datasheet
5Mb / 8P
3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
UTC7806 YOUWANG-UTC7806 Datasheet
5Mb / 8P
3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
UTC7808 YOUWANG-UTC7808 Datasheet
5Mb / 8P
3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
More results

Similar Description - UTC78D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com