Electronic Components Datasheet Search
  English  ▼

X  

PUMX2 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PUMX2
Description  NPN/NPN general-purpose double transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMX2 Datasheet(HTML) 4 Page - NXP Semiconductors

  PUMX2 Datasheet HTML 1Page - NXP Semiconductors PUMX2 Datasheet HTML 2Page - NXP Semiconductors PUMX2 Datasheet HTML 3Page - NXP Semiconductors PUMX2 Datasheet HTML 4Page - NXP Semiconductors PUMX2 Datasheet HTML 5Page - NXP Semiconductors PUMX2 Datasheet HTML 6Page - NXP Semiconductors PUMX2 Datasheet HTML 7Page - NXP Semiconductors PUMX2 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PUMX2_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 10 November 2005
4 of 8
Philips Semiconductors
PUMX2
NPN/NPN general-purpose double transistors
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 16.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 1.
Package outline SOT363 (SC-88)
04-11-08
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Table 8:
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
10000
PUMX2
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com