Electronic Components Datasheet Search
  English  ▼

X  

PUMX2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PUMX2
Description  NPN/NPN general-purpose double transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PUMX2 Datasheet(HTML) 3 Page - NXP Semiconductors

  PUMX2 Datasheet HTML 1Page - NXP Semiconductors PUMX2 Datasheet HTML 2Page - NXP Semiconductors PUMX2 Datasheet HTML 3Page - NXP Semiconductors PUMX2 Datasheet HTML 4Page - NXP Semiconductors PUMX2 Datasheet HTML 5Page - NXP Semiconductors PUMX2 Datasheet HTML 6Page - NXP Semiconductors PUMX2 Datasheet HTML 7Page - NXP Semiconductors PUMX2 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PUMX2_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 10 November 2005
3 of 8
Philips Semiconductors
PUMX2
NPN/NPN general-purpose double transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
694
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
417
K/W
Table 7:
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base
cut-off current
VCB =60V; IE = 0 A
-
-
100
nA
VCB =60V; IE =0A;
Tj = 150 °C
--50
µA
IEBO
emitter-base
cut-off current
VEB =7V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =6V; IC = 1 mA
120
250
560
VCEsat
collector-emitter
saturation voltage
IC = 50 mA; IB = 5 mA
-
-
250
mV
fT
transition
frequency
VCE =12V; IE = 2 mA;
f = 100 MHz
100
-
-
MHz
Cc
collector
capacitance
VCB =12V; IE =ie =0A;
f = 1 MHz
--3
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com