Electronic Components Datasheet Search
  English  ▼

X  

LTC2298CUP Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2298CUP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298CUP Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2298CUP Datasheet HTML 11Page - Linear Technology LTC2298CUP Datasheet HTML 12Page - Linear Technology LTC2298CUP Datasheet HTML 13Page - Linear Technology LTC2298CUP Datasheet HTML 14Page - Linear Technology LTC2298CUP Datasheet HTML 15Page - Linear Technology LTC2298CUP Datasheet HTML 16Page - Linear Technology LTC2298CUP Datasheet HTML 17Page - Linear Technology LTC2298CUP Datasheet HTML 18Page - Linear Technology LTC2298CUP Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC2298/LTC2297/LTC2296
15
229876f
DYNAMIC PERFORMANCE
Signal-to-Noise Plus Distortion Ratio
The signal-to-noise plus distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency and the RMS amplitude of all other frequency
components at the ADC output. The output is band limited
to frequencies above DC to below half the sampling
frequency.
Signal-to-Noise Ratio
The signal-to-noise ratio (SNR) is the ratio between the
RMS amplitude of the fundamental input frequency and
the RMS amplitude of all other frequency components
except the first five harmonics and DC.
Total Harmonic Distortion
Total harmonic distortion is the ratio of the RMS sum of all
harmonics of the input signal to the fundamental itself. The
out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency. THD is
expressed as:
THD = 20Log √(V2
2 + V32 + V42 + . . . Vn2)/V1
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the
second through nth harmonics. The THD calculated in this
data sheet uses all the harmonics up to the fifth.
Intermodulation Distortion
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce intermodulation distortion (IMD) in addition to
THD. IMD is the change in one sinusoidal input caused by
the presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at the sum and differ-
ence frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3,
etc. The 3rd order intermodulation products are 2fa + fb,
APPLICATIO S I FOR ATIO
2fb + fa, 2fa – fb and 2fb – fa. The intermodulation
distortion is defined as the ratio of the RMS value of either
input tone to the RMS value of the largest 3rd order
intermodulation product.
Spurious Free Dynamic Range (SFDR)
Spurious free dynamic range is the peak harmonic or
spurious noise that is the largest spectral component
excluding the input signal and DC. This value is expressed
in decibels relative to the RMS value of a full scale input
signal.
Input Bandwidth
The input bandwidth is that input frequency at which the
amplitude of the reconstructed fundamental is reduced by
3dB for a full scale input signal.
Aperture Delay Time
The time from when CLK reaches midsupply to the instant
that the input signal is held by the sample and hold circuit.
Aperture Delay Jitter
The variation in the aperture delay time from conversion to
conversion. This random variation will result in noise
when sampling an AC input. The signal to noise ratio due
to the jitter alone will be:
SNRJITTER = –20log (2π) • fIN • tJITTER
Crosstalk
Crosstalk is the coupling from one channel (being driven
by a full-scale signal) onto the other channel (being driven
by a –1dBFS signal).
CONVERTER OPERATION
As shown in Figure 1, the LTC2298/LTC2297/LTC2296 are
dual CMOS pipelined multistep converters. The convert-
ers have six pipelined ADC stages; a sampled analog input
will result in a digitized value six cycles later (see the
Timing Diagram section). For optimal AC performance the
analog inputs should be driven differentially. For cost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com