Electronic Components Datasheet Search
  English  ▼

X  

LTC2298CUP Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2298CUP
Description  Dual 14-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2298CUP Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2298CUP Datasheet HTML 12Page - Linear Technology LTC2298CUP Datasheet HTML 13Page - Linear Technology LTC2298CUP Datasheet HTML 14Page - Linear Technology LTC2298CUP Datasheet HTML 15Page - Linear Technology LTC2298CUP Datasheet HTML 16Page - Linear Technology LTC2298CUP Datasheet HTML 17Page - Linear Technology LTC2298CUP Datasheet HTML 18Page - Linear Technology LTC2298CUP Datasheet HTML 19Page - Linear Technology LTC2298CUP Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC2298/LTC2297/LTC2296
16
229876f
sensitive applications, the analog inputs can be driven
single-ended with slightly worse harmonic distortion. The
CLK input is single-ended. The LTC2298/LTC2297/
LTC2296 have two phases of operation, determined by the
state of the CLK input pin.
Each pipelined stage shown in Figure 1 contains an ADC,
a reconstruction DAC and an interstage residue amplifier.
In operation, the ADC quantizes the input to the stage and
the quantized value is subtracted from the input by the
DAC to produce a residue. The residue is amplified and
output by the residue amplifier. Successive stages operate
out of phase so that when the odd stages are outputting
their residue, the even stages are acquiring that residue
and vice versa.
When CLK is low, the analog input is sampled differentially
directly onto the input sample-and-hold capacitors, inside
the “Input S/H” shown in the block diagram. At the instant
that CLK transitions from low to high, the sampled input is
held. While CLK is high, the held input voltage is buffered
by the S/H amplifier which drives the first pipelined ADC
stage. The first stage acquires the output of the S/H during
this high phase of CLK. When CLK goes back low, the first
stage produces its residue which is acquired by the
second stage. At the same time, the input S/H goes back
to acquiring the analog input. When CLK goes back high,
the second stage produces its residue which is acquired
by the third stage. An identical process is repeated for the
APPLICATIO S I FOR ATIO
third, fourth and fifth stages, resulting in a fifth stage
residue that is sent to the sixth stage ADC for final
evaluation.
Each ADC stage following the first has additional range to
accommodate flash and amplifier offset errors. Results
from all of the ADC stages are digitally synchronized such
that the results can be properly combined in the correction
logic before being sent to the output buffer.
SAMPLE/HOLD OPERATION AND INPUT DRIVE
Sample/Hold Operation
Figure 2 shows an equivalent circuit for the LTC2298/
LTC2297/LTC2296 CMOS differential sample-and-hold.
The analog inputs are connected to the sampling capaci-
tors (CSAMPLE) through NMOS transistors. The capacitors
shown attached to each input (CPARASITIC) are the summa-
tion of all other capacitance associated with each input.
During the sample phase when CLK is low, the transistors
connect the analog inputs to the sampling capacitors and
they charge to and track the differential input voltage.
When CLK transitions from low to high, the sampled input
voltage is held on the sampling capacitors. During the hold
phase when CLK is high, the sampling capacitors are
disconnected from the input and the held voltage is passed
to the ADC core for processing. As CLK transitions from
high to low, the inputs are reconnected to the sampling
Figure 2. Equivalent Input Circuit
VDD
VDD
VDD
15Ω
15Ω
CPARASITIC
1pF
CPARASITIC
1pF
CSAMPLE
4pF
CSAMPLE
4pF
LTC2298/LTC2297/LTC2296
AIN
+
AIN
–
CLK
229876 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com