Electronic Components Datasheet Search
  English  ▼

X  

BCP53 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BCP53
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCP53 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BCP53 Datasheet HTML 1Page - Nanjing International Group Co BCP53 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.dgnjdz.com
Transistors
BCP51,BCP52,BCP53
(KCP51,KCP52,KCP53)
Features
●
For AF driver and output stages
●
High collector current
●
Low collector-emitter saturation voltage
●
Complementary to BCP54,BCP55,BCP56
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
BCP51
BCP52
BCP53
Unit
Collector - Base Voltage
VCBO
-45
-60
-100
Collector - Emitter Voltage
VCEO
-45
-60
-80
Emitter - Base Voltage
VEBO
Collector Current - Continuous
IC
A
Collector Power Dissipation
PC
W
Thermal Resistance Junction to Ambient
RθJA
℃
/W
Junction Temperature
TJ
Storage Temperature Range
Tstg
V
℃
-5
-1
1.5
150
-65 to 150
94
0.70±0.1
4.60 (typ)
6.50±0.2
3.00±0.1
2.30 (typ)
SOT-223
Unit:mm
1.Base
2.Collector
3.Emitter
4.Collector
4
1
2
3
0.250
Gauge Plane
Transistors
PNP Transistors
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - BCP53

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP53 PHILIPS-BCP53 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
STMicroelectronics
BCP53 STMICROELECTRONICS-BCP53 Datasheet
71Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1997
logo
Zetex Semiconductors
BCP53 ZETEX-BCP53 Datasheet
42Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP53 SIEMENS-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP53 FAIRCHILD-BCP53 Datasheet
191Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - BCP53

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com