Electronic Components Datasheet Search
  English  ▼

X  

BCP53 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BCP53
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCP53 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BCP53 Datasheet HTML 1Page - Nanjing International Group Co BCP53 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Transistors
BCP51,BCP52,BCP53
(KCP51,KCP52,KCP53)
■
Electrical Characteristics Ta = 25℃
Symbol
Test Conditions
Min
Typ
Max
Unit
BCP51
-45
BCP52
-60
BCP53
-100
BCP51
-45
BCP52
-60
BCP53
-80
VEBO
IE= -100μA, IC= 0
-5
BCP51
VCB= -45 V , IE= 0
BCP52
VCB= -60 V , IE= 0
BCP53
VCB= -100 V , IE= 0
IEBO
VEB= -5V , IC=0
-0.1
VCE(sat) IC=-500 mA, IB=-50mA
-0.5
VBE(sat) IC=-500 mA, IB=-50mA
-1.2
VBE
VCE= -2V, IC= -500mA
-1
hFE(1)
VCE= -2V, IC= -5mA
25
hFE(2)
VCE= -2V, IC= -150mA
63
250
hFE(3)
VCE= -2V, IC= -500mA
25
fT
VCE= -10V, IC= -50mA,f=100MHz
100
MHz
Transition frequency
Base - emitter saturation voltage
DC current gain
Base-emitter voltage
V
ICBO
-0.1
Emitter cut-off current
Collector-emitter saturation voltage
Parameter
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE= 0
V
uA
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB= 0
Emitter - base breakdown voltage
Collector-base cut-off current
■
Classification of hfe(2)
TypE
BCP51-10,BCP52-10,BCP53-10
BCP51-16,BCP52-16,BCP53-16
Range
63-160
100-250
www.dgnjdz.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com