Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 4 Page - Nanjing International Group Co

Part # BCP54
Description  SOT-223 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCP54 Datasheet(HTML) 4 Page - Nanjing International Group Co

  BCP54 Datasheet HTML 1Page - Nanjing International Group Co BCP54 Datasheet HTML 2Page - Nanjing International Group Co BCP54 Datasheet HTML 3Page - Nanjing International Group Co BCP54 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Trailer Tape
Leader Tape
51±1 Empty Pockets
51±1 Empty Pockets
Components
SOT-223 Embossed Carrier Tape
SOT-223 Tape Leader and Trailer
SOT-223 Reel
Pkg type
SOT-223
Dimensions are in millimeter
A
B
C
d
E
F
P0
P
P1
W
6.765
7.335
1.88
Ø1.50
1.75
5.50
4.00
8.00
2.00
12.00
Packaging Description:
SOT-223 parts are shipped in tape. The carrier
tape is made from a dissipative (carbon filled)
polycarbonate resin. The cover tape is a multilayer
film (Heat Activated Adhesive in nature) primarily
composed of polyester film, adhesive layer, sealant,
and anti-static sprayed agent. These reeled parts in
standard option are shipped with 2,500 units per 13"
or 33.0cm diameter reel. The reels are clear in color
and is made of polystyrene plastic (anti-static
coated).
P
P0
P1
A
A
A
A
A-A
C
A
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
2,500 pcs
13 inch
2,500 pcs
336×336×48
20,000 pcs
445×355×365
D
W1
W2
Reel Option
13''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø330.00
100.00
13.00
R151.00
R56.00
R6.50
12.40
17.60
I
SOT-223 Tape and Reel
4
G,Jan,2017
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com