Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # BCP54
Description  SOT-223 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BCP54 Datasheet(HTML) 3 Page - Nanjing International Group Co

  BCP54 Datasheet HTML 1Page - Nanjing International Group Co BCP54 Datasheet HTML 2Page - Nanjing International Group Co BCP54 Datasheet HTML 3Page - Nanjing International Group Co BCP54 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min.
Max.
Min.
Max.
A
——
1.800
——
0.071
A1
0.020
0.100
0.001
0.004
A2
1.500
1.700
0.059
0.067
b
0.660
0.840
0.026
0.033
b1
2.900
3.100
0.114
0.122
c
0.230
0.350
0.009
0.014
D
6.300
6.700
0.248
0.264
E
6.700
7.300
0.264
0.287
E1
3.300
3.700
0.130
0.146
e
L
0.750
——
0.030
——
θ
0°
10°
0°
10°
Symbol
Dimensions In Millimeters
Dimensions In Inches
2.300(BSC)
0.091(BSC)
SOT-223 Package Outline Dimensions
SOT-223 Suggested Pad Layout
3
CB
G,Jan,2017
www.dgnjdz.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com