Electronic Components Datasheet Search
  English  ▼

X  

1408758 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1408758
Description  NBC-M12MR/ 0,5-94B/R4AC US - Network cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408758 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1408758 Datasheet HTML 1Page - PHOENIX CONTACT 1408758 Datasheet HTML 2Page - PHOENIX CONTACT 1408758 Datasheet HTML 3Page - PHOENIX CONTACT 1408758 Datasheet HTML 4Page - PHOENIX CONTACT 1408758 Datasheet HTML 5Page - PHOENIX CONTACT 1408758 Datasheet HTML 6Page - PHOENIX CONTACT 1408758 Datasheet HTML 7Page - PHOENIX CONTACT 1408758 Datasheet HTML 8Page - PHOENIX CONTACT 1408758 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Ethernet CAT5 (1 Gbps), 8-position halogen-free, shielded, Plug angled M12,
coding: A / IP67, on Plug straight RJ45 / IP20, cable length: 0.5 m
Commercial Data
Item number
1408758
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF15
Product Key
BF1IHB
GTIN
4046356827607
Weight per Piece (including packing)
46.4 g
Weight per Piece (excluding packing)
44.3 g
Customs tariff number
85444290
Country of origin
US
NBC-M12MR/ 0,5-94B/R4AC US - Network cable
1408758
https://www.phoenixcontact.com/us/products/1408758
May 12, 2023, 7:00 AM
Page 1 (11)


Similar Part No. - 1408758

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408751 PHOENIX-1408751 Datasheet
372Kb / 10P
NBC-M12MR/ 5,0-94B US - Network cable
1408752 PHOENIX-1408752 Datasheet
374Kb / 10P
NBC-MR/ 10,0-94B SCO US - Network cable
1408753 PHOENIX-1408753 Datasheet
58Kb / 3P
Housing - HC-ADV-B10-SHFH-2STM25-EEE
1408754 PHOENIX-1408754 Datasheet
375Kb / 10P
NBC- 5,0-94B/FR SCO US - Network cable
1408755 PHOENIX-1408755 Datasheet
372Kb / 10P
NBC- 10,0-94B/FR SCO US - Network cable
More results

Similar Description - 1408758

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1192088 PHOENIX-1192088 Datasheet
483Kb / 6P
Network cable - NBC-M12MR/ 0,5-94L/R4AC
10/14/2021
1408749 PHOENIX-1408749 Datasheet
470Kb / 11P
Network cable - NBC-M12MS/ 0,5-94B/R4AC US
1405856 PHOENIX-1405856 Datasheet
422Kb / 11P
Network cable - NBC-M12MR-R4AC US/94B/...
1405861 PHOENIX-1405861 Datasheet
401Kb / 12P
NBC-M12MS-R4AC US/94B/... - Network cable
1406113 PHOENIX-1406113 Datasheet
328Kb / 10P
NBC-M12MR/ 2,0-94B/M12MR US - Network cable
1406114 PHOENIX-1406114 Datasheet
364Kb / 10P
NBC-M12MR/ 2,0-94B/M12FR US - Network cable
1406116 PHOENIX-1406116 Datasheet
372Kb / 10P
NBC-M12MR/ 2,0-94B US - Network cable
1408751 PHOENIX-1408751 Datasheet
372Kb / 10P
NBC-M12MR/ 5,0-94B US - Network cable
1405858 PHOENIX-1405858 Datasheet
366Kb / 10P
NBC-M12MR-M12FR US/94B/... - Network cable
1405857 PHOENIX-1405857 Datasheet
332Kb / 10P
NBC-M12MR-M12MR US/94B/... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com