Electronic Components Datasheet Search
  English  ▼

X  

1408758 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1408758
Description  NBC-M12MR/ 0,5-94B/R4AC US - Network cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408758 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1408758 Datasheet HTML 1Page - PHOENIX CONTACT 1408758 Datasheet HTML 2Page - PHOENIX CONTACT 1408758 Datasheet HTML 3Page - PHOENIX CONTACT 1408758 Datasheet HTML 4Page - PHOENIX CONTACT 1408758 Datasheet HTML 5Page - PHOENIX CONTACT 1408758 Datasheet HTML 6Page - PHOENIX CONTACT 1408758 Datasheet HTML 7Page - PHOENIX CONTACT 1408758 Datasheet HTML 8Page - PHOENIX CONTACT 1408758 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Data
Product properties
Product type
Data cable preassembled
Number of positions
8
Application
Standard, U.S. cables
Shielded
yes
Coding
A
Interfaces
Bus system
Ethernet
Signal type/category
Ethernet CAT5 (on the basis of IEC 11801), 1 Gbps
Signaling
Status display
No
Status display present
No
Electrical properties
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
1 A
Transmission medium
Copper
Connector
Connection 1
Type
Plug angled M12 / IP67
Coding type
A (Standard)
CuSn (Contact)
Ni/Au (Contact surface)
PA (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Material
Zinc die-cast, nickel-plated (Screw connection)
Degree of protection
IP67
Connection 2
Type
Plug straight RJ45 / IP20
CuSn (Contact)
Ni/Au (Contact surface)
PA (Contact carriers)
Material
PA (Housing)
Cable/line
Cable length
0.5 m
NBC-M12MR/ 0,5-94B/R4AC US - Network cable
1408758
https://www.phoenixcontact.com/us/products/1408758
May 12, 2023, 7:00 AM
Page 2 (11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com