Electronic Components Datasheet Search
  English  ▼

X  

EV01 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EV01
Description  Sensor Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EV01 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EV01 Datasheet HTML 1Page - Omron Electronics LLC EV01 Datasheet HTML 2Page - Omron Electronics LLC EV01 Datasheet HTML 3Page - Omron Electronics LLC EV01 Datasheet HTML 4Page - Omron Electronics LLC EV01 Datasheet HTML 5Page - Omron Electronics LLC EV01 Datasheet HTML 6Page - Omron Electronics LLC EV01 Datasheet HTML 7Page - Omron Electronics LLC EV01 Datasheet HTML 8Page - Omron Electronics LLC EV01 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2JCIE-EV
2
Ordering Information
Unit
Supported Accessories (Sold Separately)
*1. Raspberry Pi is a registered trademark of the Raspberry Pi Foundation.
*2. Arduino is a registered trademark of Arduino LLC and Arduino SRL.
*3. Feather is a registered trademark of Adafruit Industries LLC.
*4. Boards for supported platforms are not included.
*5. Do not use a model other than those listed in each table of platform supporting models.
Note: The temperature sensor on the sensor evaluation board may output a high value due to heat generated by the platform. If you need to
eliminate this effect, either separate the sensor from the unit by connecting a cable or otherwise, or use an external temperate/humidity
sensor that supports SparkFun Qwiic.
Ratings and Specifications
Specifications
Type
Appearance
Model
Supported platform
*4
Table of Models
RP type
2JCIE-EV01-RP1
Raspberry Pi
*1
3 A/1 B+/2 B/3 B/3 B+/Zero/Zero W
*5
AR type
2JCIE-EV01-AR1
Arduino
*2
MKR Vidor 4000/MKR WiFi 1010/MKR ZERO
*5
FT type
2JCIE-EV01-FT1
Feather
*3
HUZZAH32
*5
Type
Model
Cable harness
2JCIE-HARNESS-01
2JCIE-HARNESS-02
2JCIE-HARNESS-03
2JCIE-HARNESS-04
2JCIE-HARNESS-05
Model
Item
2JCIE-EV01-RP1
2JCIE-EV01-AR1
2JCIE-EV01-FT1
Protocol
Pi HAT
Shield for MKR form factor
FeatherWing
Dimensions (mm)
Approx. 65 x 30
Approx. 61.5 x 25
Approx. 50.8 x 23.9
Sparkfun Qwiic (3.3 V I2C)
CN4
CN4
CN4
5V I2C for expansion
CN5
CN5
CN5
TH1
TH1
TH1
5V UART for expansion
CN6
CN6
CN6
5V DIO for expansion
---
CN7, CN8
TH2
Sensing data that can be acquired
Temperature, humidity, light, barometric pressure, noise, 3-axis acceleration
Absolute maximum rating: Power voltage (5 V)
-0.2 to 5.5 V
Absolute maximum rating: Power voltage (3.3 V)
-0.2 to 3.6 V
Absolute maximum rating: Input/output terminal voltage (5 V)
-0.2 to 5.2 V
Absolute maximum rating: Input/output terminal voltage (3.3 V)
-0.2 to 3.5 V
Absolute maximum rating: Power current
700 mA
Ambient storage temperature
-10 to 60°C (no condensation or icing)
Ambient storage humidity
30 to 85% (no condensation or icing)
Recommended operating range: Power voltage (5 V)
4.75 to 5.25 V
Recommended operating range: Power voltage (3.3 V)
3.14 to 3.47 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com