Electronic Components Datasheet Search
  English  ▼

X  

EV01 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EV01
Description  Sensor Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EV01 Datasheet(HTML) 4 Page - Omron Electronics LLC

  EV01 Datasheet HTML 1Page - Omron Electronics LLC EV01 Datasheet HTML 2Page - Omron Electronics LLC EV01 Datasheet HTML 3Page - Omron Electronics LLC EV01 Datasheet HTML 4Page - Omron Electronics LLC EV01 Datasheet HTML 5Page - Omron Electronics LLC EV01 Datasheet HTML 6Page - Omron Electronics LLC EV01 Datasheet HTML 7Page - Omron Electronics LLC EV01 Datasheet HTML 8Page - Omron Electronics LLC EV01 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2JCIE-EV
4
Dimensions
(Unit: mm)
Connection
(30)
Four, 2.8 dia.
23
(65)
58
(5.9)
1.6
2JCIE-EV01-RP1
2
1
40
39
7
1
1 2 3 4
1 23 4
123 456
V
G
CN4
CN5
CN6
TH1
CN9
TH4
Front
Back
U3 U5
U6
U2
U1
Terminal Arrangement
2JCIE-EV01-RP1
CN9
1
3.3 VDC
*1
2
5 VDC
*2
3SDA
*1
4NC
5SCL
*1
6NC
7NC
8RXD
*2
9NC
10
TXD
*2
11
DIGITAL4
*1
12
BCLK
*1
13
RDY
*2
14
NC
15
NC
16
DIGITAL1
*1
17
NC
18
DIGITAL2
*1
19
MOSI
*1
20
GND
21
MISO
*1
22
DIGITAL3
*1
23
SCLK
*1
24
CS
*1
25
NC
26
NC
27
NC
28
NC
29
EN
*2
30
NC
31
LED_SW_R
*2
32
LED_SW_G
*2
33
LED_SW_B
*2
34
NC
35
WS
*1
36
INT
*1
37
INT_LIS2DW12
*1
38
MIC_OUT
*1
39
GND
40
NC
CN4
BM04B-SRSS-TB (JST)
1SCL
2SDA
3
3.3 VDC
4GND
CN5
BM04B-GHS-TB (JST)
1GND
25 VDC
3
SDA_5V
4
SCL_5V
CN6
BM06B-SRSS-TB (JST)
15 VDC
2RXD
3TXD
4GND
5
3.3 VDC
6NC
TH1
15 VDC
2GND
3
SCL_5V
4SDA_5V
5RDY
6NC
7GND
TH4
19
5 VDC (Ext.)
07
GND
*1. 3.3 V terminal *2. 5.0 V terminal
Temperature/humidity sensor
Light sensor
Barometric pressure sensor
Acceleration sensor
Microphone
RGB LED
SPI
UART
DIGITAL OUT
or PWM
CN5: Connector
CN4: Connector
CN6: Connector
TH1: Through-hole
CN9
5V
I2S
DIGITAL IN
Level conversion
5V
2JCIE-EV01-RP1
I2C
I2C level conversion
Block Diagram
2JCIE-EV01-RP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com