Electronic Components Datasheet Search
  English  ▼

X  

PV71L8-32SWL Datasheet(PDF) 2 Page - ITT Industries

Part # PV71L8-32SWL
Description  Series 2 Connectors PV
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV71L8-32SWL Datasheet(HTML) 2 Page - ITT Industries

  PV71L8-32SWL Datasheet HTML 1Page - ITT Industries PV71L8-32SWL Datasheet HTML 2Page - ITT Industries PV71L8-32SWL Datasheet HTML 3Page - ITT Industries PV71L8-32SWL Datasheet HTML 4Page - ITT Industries PV71L8-32SWL Datasheet HTML 5Page - ITT Industries PV71L8-32SWL Datasheet HTML 6Page - ITT Industries PV71L8-32SWL Datasheet HTML 7Page - ITT Industries PV71L8-32SWL Datasheet HTML 8Page - ITT Industries PV71L8-32SWL Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.ittcannon.com
158
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
How to Order
Performance and Material Specifications
ELECTRICAL
MATERIALS AND FINISHES
Description
Shell
Aluminum alloy per QQ-A-367, QQ-A-591 or QQ-A-225
Electoless nickel per MIL-C-26074, anodized per MIL-A-8625 or olive drab
cadmium over nickel
Electoless nickel per MIL-C-26074, anodized per MIL-A-8625 or olive drab
cadmium over nickel
Electoless nickel per MIL-C-26074, anodized per MIL-A-8625 or olive drab
cadmium over nickel
Insulators
Rigid dielectric
Silicone rubber (ITT Cannon blend) or Fluorosiclicone rubber (ITT
Cannon blen)
Copper alloy
Aluminum alloy per QQ-A-591
Aluminum alloy per QQ-A-225
None
None
None
Gold page per MIL-G-45204
Elastomers (grommets, interfacial and O ring seals)
Contacts
Coupling Nut
Jam Nut (on PV74)
12
16
20
.097 (2.46)
.053 (1.53)
.040 (1.02)
.158 (4.01)
.103 (2.62)
.083 (2.11)
12
14
16
20
20
24
I
II
1500 Vac rms
2300 Vac rms
375 Vac rms
500 Vac rms
5000 megohms minimum
5000 megohms minimum
23
17
13
7.5
7.5
3.0
50
45
50
45
55
45
Contact
Size
Wire
Size
Max Current
for Test (amps)
Potential Drop
(Millivolts at 25˚C)
Insulation O.D. Limits, inch (mm)
min.
max.
Service Rating
Sea Level
SERIES PREFIX
PV
MS
70
3470
L
L
18
18
-32
-32
P
P
W
W
L
SHELL STYLE
CLASS
SIZE
CONTACT ARRANGEMENT
CONTACT TYPE
ALTERNATE INSERT POSITIONS
LESS COMPONENTS
CLASS
SHELL SIZE
SHELL STYLE
SERIES PREFIX
MS - Complies with MIL-C-26482 Series 2
PV - ITT Cannon Interchangeable with
MIL-C-26482, Series 2
*Consult factory for availablility.
(PV Series and MS Series)
*A - Fluid resistant, 200˚C, non-conductive
(anodized)
L - Fluid resistant, 200˚C, conductive, finish
(nickely)
W - Corrosive and fluid resistant, 175˚C
(cadmium over nickel)
P - Pin contact
S - Socket contact
A - Less pin contact* (MS only)
B - Less socket contacts* (MS only)
No designation required for normal posistion.
Standard MS alternate positions available.
Use "L" if PV connectors are ordered less
contacts, sealing plugs and insertion/extraction
tool ("L" is not stamped on connectors). To
order MS connectors less contacts, purchase
order must state less contacts.
* The "A" and "B" designators are used only when other
than power contacts are ato be installed (i.e. shielded, coaxial
and thermocouple contacts).
8, 10, 12, 14, 16, 18, 20, 22 and 24
(Size 8 avialable in PV70 & 76 only)
See page 162.
ITT Cannon
Part No.
PV70
PV71
PV72
PV74
PV75
PV76
MS3470
MS3471
MS3472
MS3474
MS3475
MS3476
- Narrow Flange Receptacle
- Cable Connecting Receptacle
- Wide Flange Receptacle
- Jam Nut Receptacle
- Straight Plug, RFI Shielded
- Straight Plug
Military No.
Description
CONTACT TYPE
ALTERNATE INSERT POSITIONS
LESS COMPONENTS
CONTACT ARRANGEMENTS
70,000 ft. Altitude
(25˚C)
Dielectric Withstanding Voltage (Test Volatge)
Material
Finish



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com