Electronic Components Datasheet Search
  English  ▼

X  

PV71L8-32SWL Datasheet(PDF) 7 Page - ITT Industries

Part # PV71L8-32SWL
Description  Series 2 Connectors PV
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PV71L8-32SWL Datasheet(HTML) 7 Page - ITT Industries

Back Button PV71L8-32SWL Datasheet HTML 2Page - ITT Industries PV71L8-32SWL Datasheet HTML 3Page - ITT Industries PV71L8-32SWL Datasheet HTML 4Page - ITT Industries PV71L8-32SWL Datasheet HTML 5Page - ITT Industries PV71L8-32SWL Datasheet HTML 6Page - ITT Industries PV71L8-32SWL Datasheet HTML 7Page - ITT Industries PV71L8-32SWL Datasheet HTML 8Page - ITT Industries PV71L8-32SWL Datasheet HTML 9Page - ITT Industries PV71L8-32SWL Datasheet HTML 10Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.ittcannon.com
163
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482, Series 2 Connectors
PV
Thru-Bulkhead Receptacle
How to Order - PV-TBF
Tooling
PV-TBF
Shell
Size
8
10
12
14
16
18
20
22
24
.471 (11.96)
.588 (14.94)
.748 (19.00)
.873 (22.17)
.998 (25.35)
1.123 (28.52)
1.248 (31.70)
1.373 (34.87)
1.498 (38.05)
Notes: 1) Shell available in conductive (nickel finish) only.
2) Contacts are nonremovable.
PV-TBF - ITT Cannon prefix
Pin and socket
20
16
12
CIET-20-11
(274-7001-006)
M81969/14-11
M81969/14-03
M81969/14-04
Red
Blue
Yellow
White
White
White
MS27534-20, MS3447-20, NAS1664-20
MS27534-16, MS3447-16, NAS1664-16
MS27534-12, MS3447-12, NAS1664-12
274-7007-000
274-7008-000
274-7009-00
CIET-16-03
(274-7002-000)
CIET-12-04
(274-7003-000)
Shell available in conductive (nickel fin-
ish) only.
Contacts are nonremovable.
Designed to MS3119 configuration and
meets the performance requirements of
MIL-C-26482 Series 2.
Notes: 1)
2)
3)
No designation required for normal. Standard MS
alternate posistions available.
8 through 24
10-6, 14-19, 16-8, 16-26, 18-32, 20-39, 20-
41, 22-41, 22-55, 24-61.
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.062 (1.57)
.094 (2.39)
.094 (2.39)
.094 (2.39)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.125 (28.58)
1.406 (35.71)
1.406 (35.71)
1.406 (35.71)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.577 (14.66)
.703 (17.86)
.703 (17.86)
.703 (17.86)
.594 (15.09)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.92)
.828 (21.03)
.954 (24.23)
1.047 (26.59)
1.141 (28.98)
1.234 (31.34)
1.328 (33.73)
1.453 (36.91)
1.578 (40.08)
1.703 (43.26)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.344 (8.74)
.344 (8.74)
.311 (7.90)
Contact
Size
Cannon
Part Number
M81969
Part Number
Insertion
Color Tip
Extraction
Color Tip
Superseded
Mil. Pt. No.
Unwired Contact
Tools
Cannon Pt. No.
CBT 520/530
Insertion/Extraction Tools
Crimp Tool
M22520/1-01 Crimp Tool
with M22520/1-02 Turret
Wire Contact Tools
SERIES PREFIX
PV-TBF 10
-6
PS
W
SERIES PREFIX
SHELL SIZE
INSERT ARRANGEMENTS
SHELL SIZE
INSERT ARRANGEMENTS
CONTACT STYLE
CONTACT STYLE
PANEL
PANEL
X
X
A
DIA.
K
A
DIA.
S
(TYP)
R
(TP)
POLARIZING
GROOVE
4 HOLES
.125/.115 (3.18/2.92) DIA.
SIZES 8-22
.152/.142 (3.86/3.61) DIA.
SIZES 24 ONLY
.140 RAD.
MAX.
M
L
FRONT
PANEL MOUNTING
REAR
PANEL MOUNTING
ALTERNATE POLARIZING POSITION
ALTERNATE POLARIZING POSITION
A
Dia +
_.003 (0.08)
K
+
_.016 (0.41)
M
+
_.016 (0.41)
L
Max.
S
Max.
X
Max.
R
(TP)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com