Electronic Components Datasheet Search
  English  ▼

X  

LBH3000 Datasheet(PDF) 2 Page - LUXPIA

Part # LBH3000
Description  High Brightness LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LBH3000 Datasheet(HTML) 2 Page - LUXPIA

  LBH3000 Datasheet HTML 1Page - LUXPIA LBH3000 Datasheet HTML 2Page - LUXPIA LBH3000 Datasheet HTML 3Page - LUXPIA LBH3000 Datasheet HTML 4Page - LUXPIA LBH3000 Datasheet HTML 5Page - LUXPIA LBH3000 Datasheet HTML 6Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
LBH3000
High Brightness LED Lamp
Different and Better
■
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power dissipation
PD
120
mW
Forward Current
IF
30
mA
*
1Peak Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-30∼85
℃
Storage Temperature
Tstg
-40∼100
℃
*
2Soldering Temperature
Tsol
260℃ for 3 seconds
*1.Duty ratio ≦ 1/10, Pulse Width ≦ 10msec
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
■ Electrical – Optical characteristics
(Ta=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
ESD Check Forward Voltage
VF2
IF= 10㎂
2.0
-
-
V
Reverse Current
IR
VR=5V
-
-
50
uA
Dominant Wavelength
λd
IF= 20mA
465
-
475
nm
Spectrum Bandwidth
Δλ
IF= 20mA
-
35
-
nm
*
3Half Angle
θ1/2
IF= 20mA
-
±15
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com