Electronic Components Datasheet Search
  English  ▼

X  

LBH3000 Datasheet(PDF) 4 Page - LUXPIA

Part # LBH3000
Description  High Brightness LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LBH3000 Datasheet(HTML) 4 Page - LUXPIA

  LBH3000 Datasheet HTML 1Page - LUXPIA LBH3000 Datasheet HTML 2Page - LUXPIA LBH3000 Datasheet HTML 3Page - LUXPIA LBH3000 Datasheet HTML 4Page - LUXPIA LBH3000 Datasheet HTML 5Page - LUXPIA LBH3000 Datasheet HTML 6Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
LBH3000
High Brightness LED Lamp
Different and Better
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.5
1
1.5
0
5
10
15
20
25
30
■ Characteristic Diagrams
Ambient Temperature Ta[℃]
Forward Voltage VF[V]
Fig. 1
IF-VF
Fig. 2
IV-IF
Fig. 3
IF-Ta
Ta=25℃
Ta=25℃
Ta=25℃
Fig. 4 Spectrum Distribution
Ta=25℃
Wavelength λ [nm]
Forward Current IF[mA]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com