Electronic Components Datasheet Search
  English  ▼

X  

BL0507 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL0507
Description  Infrared Remote Control Transmitter IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0507 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL0507 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Address: No.810, YiShan Road ShangHai China Tel:86-021-64850700 Fax:86-64852222 Zip.200233
BL0507
Infrared Remote Control Transmitter IC
Description
The BL0507 is an infrared remote control transmitter LSI for TV,
VCR, stereo components, cassette decks, air conditioners, and other
appliances. There are 64 function keys and 3 double action keys, the
128+6 function codes are available by using SELECT terminal. The
transmission code consists of “leader pules”, “16bit customer code”, and
“16 bit date code”. Using micro-processors for decode, various
applications can be realized. (BL0507compatible with NEC standard
µPD 6122-G001)
Features
• Low voltage operation: V
DD=2.0~3.3V.
• Low power consumption: I
DD< 1µA at standby mode
• A system with an extremely low error rate.
• A fewer external parts
Pin Assignment
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
19
18
20
21
22
23
24
KI2
KI3
KI4
KI5
KI6
KI7
REM
Vdd
SEL
OSCO
OSCI
Vss
LMP
KI/O7
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
CCS
KI0
KI1
BL0507
24PIN
SOP
• Use of ceramic resonator with a 400 to 500 kHz oscillation is designed for non- adjustment operation
Block Diagram
Oscillation Circuit
Frecuency Division Stage
Timing Gerneration Circuit
Key Input Circuit
Key I/O Circuit
Custom Code ROM
Data Register
Control Circuit
Output Circuit
OSCI
OSCO
LMP
REM
Vss
KI/O0
~ KI/O7
KI0 ~ KI7
Vdd
SEL
CCS
Pin Description
Pin
Number
Symbol
Type
(In/Out)
Description
8,12
VDD, Gnd
Power supply, Ground


Similar Part No. - BL0507

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BL0508-09-73 KINGBRIGHT-BL0508-09-73 Datasheet
74Kb / 2P
22mm x 22mm LED CLUSTER
logo
SHANGHAI BELLING CO., L...
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
Infrared Remote Control Transmitter IC
BL0509 BELLING-BL0509 Datasheet
54Kb / 1P
General Infrared Ray Remote Control Receiver
More results

Similar Description - BL0507

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2266 PTC-PT2266 Datasheet
33Kb / 3P
Infrared Remote Control Transmitter IC
logo
Sanyo Semicon Device
LC7461M SANYO-LC7461M Datasheet
107Kb / 7P
Infrared Remote Control Transmitter IC
LC7463M SANYO-LC7463M Datasheet
144Kb / 7P
Infrared Remote Control Transmitter IC
LC7464M SANYO-LC7464M Datasheet
155Kb / 7P
Infrared Remote Control Transmitter IC
LC7465M SANYO-LC7465M Datasheet
187Kb / 8P
Infrared Remote Control Transmitter IC
logo
List of Unclassifed Man...
SAA1250 ETC-SAA1250 Datasheet
1,023Kb / 9P
Infrared Remote-Control Transmitter IC
logo
SHANGHAI BELLING CO., L...
BL0508A1 BELLING-BL0508A1 Datasheet
60Kb / 1P
Infrared Remote Control Transmitter IC
logo
Princeton Technology Co...
PT2215 PTC-PT2215 Datasheet
448Kb / 16P
Infrared Remote Control Transmitter IC
logo
SHENZHEN FUMAN ELECTRON...
SC6122-00FF FUMAN-SC6122-00FF Datasheet
343Kb / 5P
Infrared remote control transmitter IC
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
Infrared remote control transmitter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com