Electronic Components Datasheet Search
  English  ▼

X  

BL0507 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL0507
Description  Infrared Remote Control Transmitter IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0507 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL0507 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0507 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BL0507
Infrared Remote Control Transmitter IC
Address: No.810, YiShan Road ShangHai China Tel:86-021-64850700 Fax:86-64852222 Zip.200233
10,11
OSC O/I
Oscillation pins
Connecting ceramic resonator
23,24,
1~6
KI0~KI7
I
Matrix pins
Key input
14~21
KI/O0~KI/O7
I/O
Matrix pins
Key output, Custom code input
7
REM
O
Outputs the transmission code
22
CCS
I
T The custom code can be set by diode
connected to the CCS pin and the KI/O pins
13
LMP
O
Outputs “L” while REM pin is outputting a
transmission code
9ESL
I
D7 is set to “0” by connecting the SEL to VDD
D7 is set to “1” by connecting the SEL to VSS
Absolute Maximum Ratings(Ta=25°C)
Characteristic
Symbol
Rating
Unit
Supply Voltage
VDD
6.0
V
Input Voltage
Vin
-0.3 to VDD
V
Power Dissipation
Pd
250
mW
Operation Temperature
Topt
-20 to +75
°C
Storage Temperature
Tstg
-40 to + 125
°C
Electrical Characteristics (Ta=25°C,VDD=3.0V)
Characteristic
Symbol
Min
Typ
Max
Unit
Condition
Supply Voltage
VDD
2.0
3.0
3.3
V
Current Consumption 1
IDD1
0.1
1.0
mA
fosc=455kHz
Current Consumption 2
IDD2
1.0
µA
fosc=STOP
REM High Level output Current
IOH1
-5.0
-8.0
mA
VO=1.5V
REM Low Level output Current
IOL2
15
30
µA
VO=0.3V
LMP High Level output Current
IOH2
-15
-30
µA
VO=2.7V
LMP Low Level output Current
IOL2
11.5
mA
VO=0.3V
KI High Level Input Current
Iih1
10
30
µA
Vin=3.0V
KI Low Level Input Current
IiL1
-0.2
µA
Vin=0V
KI High Level Input Voltage
Vih1
0.7VDD
KI Low Level Input Voltage
ViL1
00.3VDD
KI/O High Level Input Voltage
Vih2
1.3
VDD
KI/O Low Level Input Voltage
ViL2
00.4
KI/O High Level Input Current
Iih2
27
µA
Vin=3.0V
KI/O Low Level Input Current
IiL2
-0.2
µA
Vin=0V
KI/O High Level Output Current
IOH3
1.0
2.5
mA
VO=2.5V
KI/O Low Level Output Current
IOL3
35
100
µA
VO=1.7V
CCS High Level Input Voltage
Vih3
1.1
V
CCS High Level Input Current
Iih3
0.2
µA
Pull up
Vin=3.0V
CCS Low Level Input Current
IiL3
-3
-3
µA
Pull up
Vin=0V
CCS High Level Input Current
IiH4
10
30
µA
Pull down
Vin=3.0V
CCS Low Level Input Current
IiL4
-0.2
µA
Pull down
Vin=0V
Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
2.0
3.0
3.3
V
Oscillation Frequency
fosc
400
455
500
kHz
Input Voltage
Vin
0VDD
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com