Electronic Components Datasheet Search
  English  ▼

X  

TCP8540 Datasheet(PDF) 8 Page - Hosiden Corporation

Part # TCP8540
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8540 Datasheet(HTML) 8 Page - Hosiden Corporation

Back Button TCP8540 Datasheet HTML 4Page - Hosiden Corporation TCP8540 Datasheet HTML 5Page - Hosiden Corporation TCP8540 Datasheet HTML 6Page - Hosiden Corporation TCP8540 Datasheet HTML 7Page - Hosiden Corporation TCP8540 Datasheet HTML 8Page - Hosiden Corporation TCP8540 Datasheet HTML 9Page - Hosiden Corporation TCP8540 Datasheet HTML 10Page - Hosiden Corporation TCP8540 Datasheet HTML 11Page - Hosiden Corporation TCP8540 Datasheet HTML 12Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
7
Unit:mm
TCP8500 Series
Moulded Type Straight Plugs
TCP8580
∅A
∅12
40
27
6
Notes:
1. The TCP8500 series plugs are made by insertion molding with
cables. Plugs cannot be sold independently.
2. The insulation materials of the above products are recognized by UL
(94V-0).
3. Combinations with sockets
① Please see Mating Table.
② The combinations of the 5P (a) plug and the 6P socket, the 8P (a)
plug and the 6P socket, and the 8P (a) plug and the 7P socket are not
designed for error connecting prevention.
4. Color: Black, Gray #1, Gray #2
Model No. Table
Pin Arrangement
3
4
5a
6
7
8a
8b
Cord diameter A
4.8mm
TCP8500 Series
TCP8530
TCP8540
TCP8550
TCP8560
TCP8570
TCP8580
3.8mm
TCP8500 Series
TCP8531
TCP8541
TCP8551
TCP8561
TCP8571
TCP8581
TCP8591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com