Electronic Components Datasheet Search
  English  ▼

X  

TCP8540 Datasheet(PDF) 20 Page - Hosiden Corporation

Part # TCP8540
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8540 Datasheet(HTML) 20 Page - Hosiden Corporation

Back Button TCP8540 Datasheet HTML 16Page - Hosiden Corporation TCP8540 Datasheet HTML 17Page - Hosiden Corporation TCP8540 Datasheet HTML 18Page - Hosiden Corporation TCP8540 Datasheet HTML 19Page - Hosiden Corporation TCP8540 Datasheet HTML 20Page - Hosiden Corporation TCP8540 Datasheet HTML 21Page - Hosiden Corporation TCP8540 Datasheet HTML 22Page - Hosiden Corporation TCP8540 Datasheet HTML 23Page - Hosiden Corporation TCP8540 Datasheet HTML 24Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
19
Unit:mm
TCS71□6 Series
Quick Lock Type
TCS7940-0120177
TCS7948 Series
=9.5mm
=17mm
=9.5mm
Vertical Sockets
TCS7948-01-201
With Contact for Switching
TCS7136-01-201
∅14
9.5
∅12
3.5
1
1
。
45
。
45
2
2
15
4
FRONT PANEL
2
2
S
3.5
9.5
1
1
∅14
Separate Cover
Note: The cover consists of two parts allowing it to be used as a 1P-1T switch when a plug is
inserted.
With Contact for Switching
With Contact for Switching
Notes:
1. Combinations with plugs
① Can be fit with the TCP7100 series.
② Connection with the TCP8500 series, the TCP8600 series and the TCP8300
series are possible, but some specifications are not applicable. Please
inquire concerning special specification.
③ The combinations of the 6P socket and the 5P (a) plug, the 6P socket and
the 8P (a) plug, and the 7P socket and 8P (a) plug are not designed for error
connecting prevention.
Note: The cover G and contact S can be used as a 1P-1T switch when a plug is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com