Electronic Components Datasheet Search
  English  ▼

X  

TCP8680 Datasheet(PDF) 11 Page - Hosiden Corporation

Part # TCP8680
Description  Miniature Circular Connectors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOSIDEN [Hosiden Corporation]
Direct Link  https://www.hosiden.co.jp/en/
Logo HOSIDEN - Hosiden Corporation

TCP8680 Datasheet(HTML) 11 Page - Hosiden Corporation

Back Button TCP8680 Datasheet HTML 7Page - Hosiden Corporation TCP8680 Datasheet HTML 8Page - Hosiden Corporation TCP8680 Datasheet HTML 9Page - Hosiden Corporation TCP8680 Datasheet HTML 10Page - Hosiden Corporation TCP8680 Datasheet HTML 11Page - Hosiden Corporation TCP8680 Datasheet HTML 12Page - Hosiden Corporation TCP8680 Datasheet HTML 13Page - Hosiden Corporation TCP8680 Datasheet HTML 14Page - Hosiden Corporation TCP8680 Datasheet HTML 15Page - Hosiden Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
10
Unit:mm
TCP7286 Series
Push Lock Type
TCP7285 Series
Push Lock Type
Assembly Type Right Angle Plugs
TCP7285-010105
〈Color:Black〉
TCP7286-010105
〈Color:Black〉
12.5
10
∅10.6
∅4.8
10
6.5
19.5
9.5
12.5
10
∅10.6
∅4.8
10
6.5
19.5
9.5
※Combinations with sockets:TCS7187, TCS7282
Model No. Table
Pin Arrangement
a
8
6
4
TCP7285
Series
5
8
2
7
P
C
T
5
6
2
7
P
C
T
5
4
2
7
P
C
T
TCP7286
Series
6
8
2
7
P
C
T
6
6
2
7
P
C
T
6
4
2
7
P
C
T
The TCP72□□ series plugs are equipped with a cables. (Plugs cannot be sold independently.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com